Electronic Components Datasheet Search
  English  ▼

X  

DDC264 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DDC264
Description  64-Channel, Current-Input Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC264 Datasheet(HTML) 1 Page - Texas Instruments

  DDC264 Datasheet HTML 1Page - Texas Instruments DDC264 Datasheet HTML 2Page - Texas Instruments DDC264 Datasheet HTML 3Page - Texas Instruments DDC264 Datasheet HTML 4Page - Texas Instruments DDC264 Datasheet HTML 5Page - Texas Instruments DDC264 Datasheet HTML 6Page - Texas Instruments DDC264 Datasheet HTML 7Page - Texas Instruments DDC264 Datasheet HTML 8Page - Texas Instruments DDC264 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DDC264
Serial
Interface
DVALID
DCLK
DOUT
DIN
Configuration
and
Control
IN2
IN1
DGND
AGND
IN4
IN3
IN62
IN61
DS
ADC
IN64
IN63
CLK
CONV
DIN_CFG
CLK_CFG
RESET
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
VREF
DVDD
AVDD
0.2 F
m
0.1 F
m
0.3 F
m
DS
ADC
DS
ADC
DS
ADC
DDC264
www.ti.com
SBAS368C
– MAY 2006 – REVISED JULY 2011
64-Channel, Current-Input
Analog-to-Digital Converter
Check for Samples: DDC264
The DDC264 has a serial interface designed for
1
FEATURES
daisy-chaining
in
multi-device
systems.
Simply
2
•
Single-Chip Solution to Directly Measure 64
connect the output of one device to the input of the
Low-Level Currents
next to create the chain. Common clocking feeds all
•
Proven High-Precision, True Integrating
the devices in the chain so that the digital overhead
Architecture with 100% Charge Collection
in a multi-DDC264 system is minimal.
•
Easy Upgrade for Existing DDC Family
The DDC264 uses a +5V analog supply and a +2.7V
Applications
to +3.6V digital supply. Bypass capacitors within the
•
Very Low Power: 3mW/channel
DDC264
package
help
minimize
the
external
•
Extremely Linear:
component
requirements.
Operating
over
the
INL =
±0.025% of Reading ±1.0ppm of FSR
temperature range of 0
°C to +70°C, the DDC264
BGA-100 package is offered in two versions: the
•
Low Noise: 6.3ppm of FSR
DDC264C
for
low-power
applications,
and
the
•
Adjustable Full-Scale Range
DDC264CK when higher speeds are required.
•
Adjustable Speed
– Data Rates up to 6kSPS with 20-bit
Performance
– Integration Times as low as 160μs
•
Daisy-Chainable Serial Interface
•
In-Package Bypass Capacitors Simplify PCB
Design
APPLICATIONS
•
CT Scanner DAS
•
Photodiode Sensors
•
X-Ray Detection Systems
DESCRIPTION
The DDC264 is a 20-bit, 64-channel, current-input
analog-to-digital (A/D) converter. It combines both
current-to-voltage and A/D conversion so that 64
separate low-level current output devices, such as
photodiodes, can be directly connected to its inputs
and digitized.
For each of the 64 inputs, the DDC264 uses the
proven
dual
switched
integrator
front-end.
This
configuration
allows
for
continuous
current
integration: while one integrator is being digitized by
the onboard A/D converter, the other is integrating
the input current. This architecture provides both a
very stable offset and a loss-less collection of the
input current. Adjustable integration times range from
160
μs to 1s, allowing currents from fAs to μAs to be
continuously measured with outstanding precision.
Protected by US Patent #5841310
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DDC264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC2256A TI2-DDC2256A Datasheet
237Kb / 7P
DDC2256A 256-Channel, Current-Input Analog-To-Digital Converter
REVISED MAY 2016
DDC2256AZZF TI1-DDC2256AZZF Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC2256AZZF TI2-DDC2256AZZF Datasheet
237Kb / 7P
DDC2256A 256-Channel, Current-Input Analog-To-Digital Converter
REVISED MAY 2016
DDC2256AZZF.A TI2-DDC2256AZZF.A Datasheet
237Kb / 7P
DDC2256A 256-Channel, Current-Input Analog-To-Digital Converter
REVISED MAY 2016
More results

Similar Description - DDC264

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com