Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 2 Page - Texas Instruments

  DIX9211 Datasheet HTML 1Page - Texas Instruments DIX9211 Datasheet HTML 2Page - Texas Instruments DIX9211 Datasheet HTML 3Page - Texas Instruments DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
OPERATING
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
DIX9211PT
Tray, 250
DIX9211
LQFP-48
PT
–40°C to +85°C
DIX9211
DIX9211PTR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
DIX9211
UNIT
Supply voltage
VCC, VDD, VDDRX
–0.3 to +4.0
V
Supply voltage differences: VCC, VDD
±0.1
V
Ground voltage differences: AGND, DGND, GNDRX
±0.1
V
RXIN2, RXIN3, RXIN4/ASCKI0, RXIN5/ABCKI0, RXIN6/ALRCKI0,
–0.3 to +6.5
V
RXIN7/ADIN0, MC/SCL, MDI/SDA, MDO/ADR, MS/ADR1, RST
MPIO_A0-A3, MPIO_B0-B3, MPIO_C0-C3
–0.3 to +6.5
V
Digital input voltage
RXIN0, RXIN1 (For S/PDIF TTL / OPTICAL input)
–0.3 to +6.5
V
MODE
–0.3 to +4.0
V
RXIN0, RXIN1 (For S/PDIF Coaxial Input Only)
–0.3 to (VDDRX + 0.3) < +4.0
V
Analog input voltage
XTI, XTO
–0.3 to (VDD + 0.3) < +4.0
V
FILT
–0.3 to (VCC + 0.3) < +4.0
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Package temperature (reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com