Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 89 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 85Page - Texas Instruments DIX9211 Datasheet HTML 86Page - Texas Instruments DIX9211 Datasheet HTML 87Page - Texas Instruments DIX9211 Datasheet HTML 88Page - Texas Instruments DIX9211 Datasheet HTML 89Page - Texas Instruments DIX9211 Datasheet HTML 90Page - Texas Instruments DIX9211 Datasheet HTML 91Page - Texas Instruments DIX9211 Datasheet HTML 92Page - Texas Instruments DIX9211 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 71h, MPIO_B, MPIO_C Flags or GPIO Assign Setting
(Address: 71h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MPB3SEL
MPB2SEL
MPB1SEL
MPB0SEL
MPC3SEL
MPC2SEL
MPC1SEL
MPC0SEL
Default Value
0
0
0
0
0
0
0
0
Memo
MPB3SEL: MPIO_B3 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPB3FLG[3:0] (default)
1: GPIO, set by GIOB3DIR/GPOB3/GPIB3
MPB2SEL: MPIO_B2 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPB2FLG[3:0] (default)
1: GPIO, set by GIOB2DIR/GPOB2/GPIB2
MPB1SEL: MPIO_B1 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPB1FLG[3:0] (default)
1: GPIO, set by GIOB1DIR/GPOB1/GPIB1
MPB0SEL: MPIO_B0 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPB0FLG[3:0] (default)
1: GPIO, set by GIOB0DIR/GPOB0/GPIB0
MPC3SEL: MPIO_C3 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPC3FLG[3:0] (default)
1: GPIO, set by GIOC3DIR/GPOC3/GPIC3
MPC2SEL: MPIO_C2 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPC2FLG[3:0] (default)
1: GPIO, set by GIOC2DIR/GPOC2/GPIC2
MPC1SEL: MPIO_C1 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPC1FLG[3:0] (default)
1: GPIO, set by GIOC1DIR/GPOC1/GPIC1
MPC0SEL: MPIO_C0 Pin Function, DIR Flags or GPIO Select
0: DIR Flags, set by MPC0FLG[3:0] (default)
1: GPIO, set by GIOC0DIR/GPOC0/GPIC0
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com