Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 95 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 91Page - Texas Instruments DIX9211 Datasheet HTML 92Page - Texas Instruments DIX9211 Datasheet HTML 93Page - Texas Instruments DIX9211 Datasheet HTML 94Page - Texas Instruments DIX9211 Datasheet HTML 95Page - Texas Instruments DIX9211 Datasheet HTML 96Page - Texas Instruments DIX9211 Datasheet HTML 97Page - Texas Instruments DIX9211 Datasheet HTML 98Page - Texas Instruments DIX9211 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 77h, MPIO_C3, MPIO_C2 Output Flag Select
(Address: 77h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MPC3FLG3
MPC3FLG2
MPC3FLG1
MPC3FLG0
MPC2FLG3
MPC2FLG2
MPC2FLG1
MPC2FLG0
Default Value
0
0
0
0
0
0
0
0
Memo
MPC3FLG[3:0]: MPIO_C3 Pin, Flag Select
0000: CLKST (default)
0001: EMPH
0010: BPSYNC
0011: DTSCD
0100: PARITY
0101: LOCK
0110: VOUT
0111: UOUT
1000: COUT
1001: BFRAME
1010: FSOUT0
1011: FSOUT1
1100: FSOUT2
1101: FSOUT3
1110: INT0
1111: INT1
MPC2FLG[3:0]: MPIO_C2 Pin, Flag Select
0000: CLKST (default)
0001: EMPH
0010: BPSYNC
0011: DTSCD
0100: PARITY
0101: LOCK
0110: VOUT
0111: UOUT
1000: COUT
1001: BFRAME
1010: FSOUT0
1011: FSOUT1
1100: FSOUT2
1101: FSOUT3
1110: INT0
1111: INT1
These register settings are effective only at MPCSEL[2:0] = '011', MPC3SEL = '0', and MPC2SEL = '0'.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com