Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 4 Page - Texas Instruments

  DIX9211 Datasheet HTML 1Page - Texas Instruments DIX9211 Datasheet HTML 2Page - Texas Instruments DIX9211 Datasheet HTML 3Page - Texas Instruments DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
All specifications at TA = +25°C, and VCC = VDD = VDDRX = 3.3 V, unless otherwise noted.
DIX9211
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
DATA FORMAT
Audio data interface format
I2S, Left-Justified, Right-Justified
Audio data word length
16, 24
Bits
Audio data format
MSB first, twos complement
Sampling frequency, DIR
7
216
kHz
fS
Sampling frequency, DIT
7
216
kHz
Sampling frequency, Routing
7
216
kHz
INPUT LOGIC
VIH
(2) (3)
2.0
5.5
VDC
Input logic level
VIL
(2) (3)
0.8
VDC
VIH
(4)
0.7 VCC
VCC
VDC
Input logic level (XTI pin)
VIL
(4)
0.3 VCC
VDC
VIH
(5)
0.7 VDDRX
VDDRX
VDC
Input logic level (RXIN0/1 pins)
VIL
(5)
0.3 VDDRX
VDC
IIH
(2) (4)
VIN = VDD or VCC
±10
mA
Input logic current
IIL
(2) (4)
VIN = 0 V
±10
mA
IIH
(3)
VIN = VDD
65
100
mA
Input logic current (RST pin)
IIL
(3)
VIN = 0 V
±10
mA
IIH
(5)
VIN = VDDRX
165
300
mA
Input logic current (RXIN0/1
pins)
IIL
(5)
VIN = 0 V
–165
–300
mA
OUTPUT LOGIC
VOH
(6)
IOUT = –4 mA
2.8
VDC
Output logic level
VOL
(6)
IOUT = 4 mA
0.5
VDC
VOH
(7)
IOUT = –4 mA
0.85 VCC
VDC
Output logic level
VOL
(7)
IOUT = 4 mA
0.15 VCC
VDC
(1)
PLL lock-up time varies with ERROR release wait time setting (Register 23h/ERRWT). Therefore, lock-up time in this table shows the
value at ERRWT = 11 as the shortest time setting.
(2)
Pins: MPIO_A0-A3, MPIO_B0-B3, MPIOC0-C3, RXIN2-RXIN7, MC/SCL, MDI/SDA, MDO/ADR0, MS/ADR1
(3)
Pin: RST
(4)
Pin: XTI
(5)
Pins: RXIN0, RXIN1. Input impedance of RXIN0 and RXIN1 is 20 k
Ω (typical). COAX amplifiers are powered on by Register
34h/RX0DIS and RX1DIS = 0. At power down by Register 34h/RX0DIS and RX1DIS= 1 (default), RXIN0 and RXIN1 are internally tied
high.
(6)
Pins: MPIO_A0-A3, MPIO_B0-B3, MPIO_C0-C3, SCKO, BCK, LRCK, DOUT, MPO0-1, ERROR/INT0, NPCM/INT1.
(7)
Pin: XTO.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com