Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 69Page - Texas Instruments DIX9211 Datasheet HTML 70Page - Texas Instruments DIX9211 Datasheet HTML 71Page - Texas Instruments DIX9211 Datasheet HTML 72Page - Texas Instruments DIX9211 Datasheet HTML 73Page - Texas Instruments DIX9211 Datasheet HTML 74Page - Texas Instruments DIX9211 Datasheet HTML 75Page - Texas Instruments DIX9211 Datasheet HTML 76Page - Texas Instruments DIX9211 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 38h, Port Sampling Frequency Calculator Result Output
(Address: 38h, Read-Only)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
PFSST
PFSPO2
PFSPO1
PFSPO0
PFSOUT3
PFSOUT2
PFSOUT1
PFSOUT0
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
PFSST: Port Sampling Frequency Calculate Status
0: Calculated
1: Calculating
PFSPO[2:0]: Calculated Port Information
000: DIR
001: XTI
010: AUXIN0
011: AUXIN1
100: AUXIN2
101: Main output port
110: AUX output port
111: DIT
PFSOUT[3:0]: Calculated Sampling Frequency
0000: Out of range
0001: 8 kHz
0010: 11.025 kHz
0011: 12 kHz
0100: 16 kHz
0101: 22.05 kHz
0110: 24 kHz
0111: 32 kHz
1000: 44.1 kHz
1001: 48 kHz
1010: 64 kHz
1011: 88.2 kHz
1100: 96 kHz
1101: 128 kHz
1110: 176.4 kHz
1111: 192 kHz
NOTE
PFSST, PFSPO, and PFSOUT always output the status when these registers are read.
The other registers do not have clear functions when these are read. To enable these
registers, DIR must be powered on. For example, (Register 40h/RXDIS = 0) PFSST
indicates Calculating and PFSOUT indicates the previous value when no source comes to
the port that is selected by Register 37h/PFSTGT.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com