Electronic Components Datasheet Search
  English  ▼

X  

DLPR100 Datasheet(PDF) 3 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 3 Page - Texas Instruments

  DLPR100 Datasheet HTML 1Page - Texas Instruments DLPR100 Datasheet HTML 2Page - Texas Instruments DLPR100 Datasheet HTML 3Page - Texas Instruments DLPR100 Datasheet HTML 4Page - Texas Instruments DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
00FFFFh
•
0000FFh
1FFFFFh
•
1F00FFh
Block 0(64KB)
Block 31(64KB)
•
•
•
•
00FFFFh
•
0000FFh
1FFFFFh
•
1F00FFh
Beginning
page address
Ending
page address
DLPR100
www.ti.com
DLPS020 – DECEMBER 2009
Figure 1. Memory Blocks of the DLPR100
Functional Description
The memory blocks of the DLPR100 are shown in Figure 1.
SPI Operation
The DLPR100 is accessed through an SPI compatible bus. Data input on the DIO pin is sampled on the rising
edge of the CLK. Data on the DO and DIO pins are clocked out on the falling edge of the CLK.
Write Protection
Upon power-up or at power-down the DLPR100 will maintain a reset condition while VCC is below the threshold
value of VWI. While reset, all operations are disabled and no instructions are recognized. During power-up and
after the VCC voltage exceeds VWI, all program and erase related instructions are further disabled for a time of
tPUW. This includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write
Status Register instructions. Note that the chip select pin (CS) must track the VCC supply level at power-up until
the VCC-min level and tVSL time delay is reached. If needed a pull-up resistor on CScan be used to accomplish
this. After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a write operation will be
accepted. After completing a write operation the Write Enable Latch (WEL) is automatically cleared to a
write-disabled status of 0. Software controlled write protection is facilitated using the Write Status Register
instruction and setting the Status Register Protect (SRP) and Block Protect (TB, BP2, BP1, and BP0) bits.
Additionally, the Power-down instruction offers an extra level of write protection as all instructions are ignored
except for the Released Power-down instruction.
Control and Status Registers
The Read Status Register instruction can be used to provide status on the availability of the Flash memory array,
if the device is write enabled/disabled, and the state of write protect. The Write Status Resister instruction can be
used to configure the device’s write protection feature.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DLPR100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com