Electronic Components Datasheet Search
  English  ▼

X  

DLPR100 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 1 Page - Texas Instruments

  DLPR100 Datasheet HTML 1Page - Texas Instruments DLPR100 Datasheet HTML 2Page - Texas Instruments DLPR100 Datasheet HTML 3Page - Texas Instruments DLPR100 Datasheet HTML 4Page - Texas Instruments DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CS
DO
WP
GND
1
2
3
4
8
7
6
5
HOLD
DIO
CLK
V
CC
DLPR100
www.ti.com
DLPS020 – DECEMBER 2009
DLP® Configuration PROM for DLPC100
Check for Samples: DLPR100
1
FEATURES
•
Programmed for Use With the DLPC100 and DLP1700 (0.17 HVGA Chipset)
•
Data Transfer up to 150 M-Bits/Second
•
Single 2.7 to 3.6 V Supply
•
5 mA Active-Current, 1-
μA Powerdown (Typ)
•
–40°C to 85°C Operating Temperature Range
DESCRIPTION
The DLPR100 is one of three components in the 0.17 HVGA chipset (see Block Diagram). Proper function and
operation of the DLPR100 requires that it be used in conjunction with the other components of the 0.17 HVGA
chipset. Refer to the 0.17 HVGA Chip-Set data sheet for further details (TI Literature Number DLPS017).
The serial flash device provides a storage solution for the DLPC100 device in the 0.17 HVGA chipset. The
device operates on a single 2.7 V to 3.6 V power supply with current consumption as low as 5 mA active and 1
µA for power-down. The DLPR100 supports the standard Serial Peripheral Interface (SPI). SPI clock frequencies
of up to 75 MHz are supported.
ORDERING INFORMATION
TA
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
DLPR100DWC
By Pin 1
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
Chip select, active low. When CS is high, the device is deselected and DO pin is high
1
CS
I
impedance.
2
DO
O
Data output. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
Write protect input, active low. Disables writes to the status register when the Status Register
3
WP
I
Protect (SRP) bit is set to a 1 state.
4
GND
–
Ground
5
DIO
I/O
Data input/output. Data is latched on the rising edge of the CLK input pin.
6
CLK
I
Serial clock. Provides the timing clock for the serial input and output operation.
Hold input, active low. Allows the device to be paused. When HOLD is brought low, while CS
7
HOLD
I
is low, the DO pin will be at high impedance and signals on the DIO and CLK pins will be
ignored. Device operation will resume when HOLD is brought high.
8
VCC
–
Power supply
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DLPR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
264Kb / 17P
Configuration PROM
DLPR410 TI-DLPR410 Datasheet
906Kb / 21P
DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR410 TI2-DLPR410 Datasheet
1Mb / 53P
DLP650LNIR 0.65 NIR WXGA S450 DMD
NOVEMBER 2018
DLPR410AYVA TI1-DLPR410AYVA Datasheet
264Kb / 17P
Configuration PROM
More results

Similar Description - DLPR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
DLP짰 Digital Controller for the DLP3000 DMD
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
Configuration PROM
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
Configuration PROM
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Texas Instruments
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPC4420 TI-DLPC4420 Datasheet
1Mb / 49P
DLPC4420 DLP짰 Display Controller
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com