Electronic Components Datasheet Search
  English  ▼

X  

DLPR100 Datasheet(PDF) 4 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 4 Page - Texas Instruments

  DLPR100 Datasheet HTML 1Page - Texas Instruments DLPR100 Datasheet HTML 2Page - Texas Instruments DLPR100 Datasheet HTML 3Page - Texas Instruments DLPR100 Datasheet HTML 4Page - Texas Instruments DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DLPR100
DLPS020 – DECEMBER 2009
www.ti.com
Status Register
Busy
Busy is a read only status register (S0) that is set to 1 state when the device is executing a write operation.
When write operation is completed the BUSY bit will be cleared to a 0 state indicating the device is ready for
further instructions.
Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing a Write
Enable Instruction. The WEL status bit is cleared to a 0 when the device is write disabled. A write disable state
occurs upon power-up.
Block Protect Bits (BP2, BP1, BP0)
Block Protect Bits are non-volatile read/write bits in the status register (S4,S3,S2) that provide Write Protection
control and status. Block Protect bits can be set using the Write Status Register instruction. The factory default
setting for the Block Protect bits is 0, none of the array protected. The Block Protect bits cannot be written to if
the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP) pin is low.
Top/Bottom Block Protect (TB)
The Top/Bottom bit (TB) controls if the block protect bits (BP2,BP1,BP0) protect from the Top (TB=0) or the
Bottom (TB=1) of the array. Factory default setting is TB=0. The TB bit cannot be written to if the Status Register
Protect (SRP) bit is set to 1 and Write Protect (/WP) pin is low.
Reserved Bits
Status register bit location S6 is reserved for the future use. Device will read 0 for this bit.
Status Register Protect (SRP)
The Status Register Protect (SRP) bit is a read/write bit in status register (S7) that can be used in conjunction
with the Write Protect (WP) pin to disable writes to the status register. When the SRP bit is set to 0 state (factory
default) the WP pin has no control over Status Register. When the SRP bit is set to a 1 state, the Write Status
Register is locked out while the WP pin is low. When the WP pin is high the Write Status Register instruction is
allowed.
Table 1. Status Register Bit Locations
S7
S6
S5
S4
S3
S2
S1
S0
SRP
(R)
TB
BP2
BP1
BP0
WEL
BUSY
Table 2. Status Register Memory Protection
STATUS REGISTER
MEMORY PROTECTION
TB(1)
BP2
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
1
31
1F0000h-1FFFFFh
64KB
Upper 1/32
0
0
1
0
30 thru 31
1E0000h-1FFFFFh
128KB
Upper 1/16
0
0
1
1
28 thru 31
1C0000h-1FFFFFh
256KB
Upper 1/8
0
1
0
0
24 thru 31
180000h-1FFFFFh
512KB
Upper 1/4
0
1
0
1
16 thru 31
100000h-1FFFFFh
1MB
Upper 1/2
1
0
0
1
0
000000h-00FFFFh
64KB
Lower 1/32
1
0
1
0
0 and 1
000000h-01FFFFh
128KB
Lower 1/16
1
0
1
1
0 thru 3
000000h-03FFFFh
256KB
Lower 1/8
1
1
0
0
0 thru 7
000000h-07FFFFh
512KB
Lower 1/4
1
1
0
1
0 thru 15
000000h-0FFFFFh
1MB
Lower 1/2
(1)
x = don’t care
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DLPR100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com