Electronic Components Datasheet Search
  English  ▼

X  

DLPR100 Datasheet(PDF) 9 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments DLPR100 Datasheet HTML 10Page - Texas Instruments DLPR100 Datasheet HTML 11Page - Texas Instruments DLPR100 Datasheet HTML 12Page - Texas Instruments DLPR100 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DLPR100
www.ti.com
DLPS020 – DECEMBER 2009
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = 2.3 V to 3.6 V unless otherwise specified
SYMBOL
ALT
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLH, tCLL
Clock high, low time, for fast read(0Bh, 3Bh)/other instructions
6/7
ns
except read data (03h)(1)
tCLH, tCLL
Clock high, low time, for all instructions 2.3 V-3.6 V VCC
(1)
8
ns
tCRLH, tCRLL
Clock high, low time, for read data(03h) instructions(1)
8
ns
tCLCH
Clock rise time peak to peak(2)
0.1
V/ns
tCHCL
Clock fall time peak to peak(2)
0.1
V/ns
tSLCH
tCSS
CS active setup time relative to CLK
5
ns
tCHSL
CS Not active Hold time relative to CLK
5
ns
tDVCH
tDSU
Data in setup time
2
ns
tCHDX
tDH
Data in hold time
5
ns
tCHSH
CS active hold time relative to CLK
5
ns
tSHCH
CS not active setup time relative to CLK
5
ns
tSHSL
tCSH
CS deselect time (for array read->array read/erase or
50/100
ns
program->Read Status Register)
tSHQZ
tDIS
Output disable time(3)
7
ns
tCLQV
tV
Clock low to output valid 2.7–3.6 V/ 3.0–3.6 V/ 2.3-3.6V
7/6/9
ns
tCLQX
tOH
Output hold time
0
ns
tHLCH
HOLD active setup time relative to CLK
5
ns
tCHHH
HOLD active Hold time relative to CLK
5
ns
tHHCH
HOLD Not active setup time relative to CLK
5
ns
tCHHL
HOLD Not active Hold time relative to CLK
5
ns
tHHQX
tLZ
HOLD to output low-Z(3)
7
ns
tHLQZ
tHZ
HOLD to output high-Z (3)
12
ns
tWHSL
Write protect setup time before CS low(4)
20
ns
tSHWL
Write protect Hold time after CS high(4)
100
ns
tDP
CS high to power-down mode(3)
3
µs
tRES1
CS high to standby mode without electronic signature Read(3)
3
µs
tRES2
CS high to standby mode with electronic signature Read(3)
1.8
µs
tW
Write Status Register time
10
15
ms
tBP1
Byte program time (first byte)(5)
30
50
µs
tBP2
Additional byte program time (after first byte)(5)
6
12
µs
tPP
Page program time
1.6
3
ms
tSE
Sector erase time (4KB)
120
200
ms
tBE
Block erase time (64KB)
0.32
1
s
tCE
Chip erase time
10
20
s
(1)
Clock high + clock low must be less than or equal to 1/fC.
(2)
Value ensured by design and/or characterization, not production tested.
(3)
Value ensured by design and/or characterization, not production tested.
(4)
Only applicable as a constraint for Write Status Register instruction when Sector Protect Bit is set to 1.
(5)
For multiple bytes after the first byte within a page, tBPN = tBP1 + tBP2 * N(typical) and tBPN = tBP1 + tBP2 * N(max), where N = number of
bytes programmed
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DLPR100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com