| Electronic Components Datasheet Search |
|
GC6016 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
GC6016 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 46 page ![]() C6748 DSP GC6016 DUC-CFR DDC I/Q Mod I/Q Mod PA PA SW Baseband Data DAC3283/3482 ADS41B49 TRF3703/3720 Complex TX Subsampled Feedback Mixer/BPF Mixer/BPF Mixer/BPF LNA LNA ADS62P49 RX FB I/Q I/Q RX Real RX B0442-02 ADC ADC ADC DAC DAC GC6016 SLWS227A – NOVEMBER 2010 – REVISED MARCH 2011 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. DESCRIPTION (Continued) The CFR block reduces the peak-to-average ratio (PAR) of the digital transmit signals, such as those used in third-generation (3G) code division multiple access (CDMA) and orthogonal frequency-division multiple-access (OFDMA) applications. By reducing the PAR of the digital signal and the PA nonlinearity, the operational efficiency of follow-on power amplifiers can be substantially improved. In Table 1, feedback is normally associated with a DPD system. The GC6016 can use the feedback input as a calibration antenna input to the capture buffer. Several architectures that provide performance and cost optimization are listed in Table 1 Table 1. Sample Configurations for GC6016 Figure TX Antenna RX Antenna Other 2 typical at 250 Msps, up to 4 at Figure 1 2-62 MHz Lower-cost 2-antenna solution 250 Msps 2 at 250Msps, 4 with lower-rate Figure 2 2-62 MHz 2-antenna solution with full-rate real feedback RX ADC 2 at 250Msps, 4 with lower-rate 2-antenna solution with complex feedback, lower Figure 3 2-62 MHz RX ADC subsampling ratio 4 at 250Msps, 8 with lower-rate Figure 4 4-31 MHz Lower-cost 4 antenna solution RX ADC ANTENNA MODE EXAMPLE DIAGRAMS Figure 1. Two-Antenna-Mode Subsampled-Feedback Diagram 2 Submit Documentation Feedback Copyright © 2010–2011, Texas Instruments Incorporated Product Folder Link(s): GC6016 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |