Electronic Components Datasheet Search
  English  ▼

X  

GC6016 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC6016
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC6016 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC6016 Datasheet HTML 9Page - Texas Instruments GC6016 Datasheet HTML 10Page - Texas Instruments GC6016 Datasheet HTML 11Page - Texas Instruments GC6016 Datasheet HTML 12Page - Texas Instruments GC6016 Datasheet HTML 13Page - Texas Instruments GC6016 Datasheet HTML 14Page - Texas Instruments GC6016 Datasheet HTML 15Page - Texas Instruments GC6016 Datasheet HTML 16Page - Texas Instruments GC6016 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Q0-E
Qn-E
00
I0-E
In-E
Q1-E
Q0-E
I1-E
I0-E
Q0-O
Qn-O
I0-O
In-O
Q1-O
Q0-O
I1-O
I0-O
In-D
Qn-A
00
Qn-C
In-B
Q0-D
I0-D
Q0-B
I0-B
Qn-D
I0-A
In-C
Qn-B
In-A
Q0-C
I0-C
Q0-A
I0-A
‘n’ can be up to 47, ‘O’ is odd numbered bits (1, 3, 5, ...), ‘E’ is even numbered bits (0, 2, 4, ...)
‘n’ can be up to 47, ‘A’ is 4 MSBs, ‘B’ is next 4 bits, ‘C’ is next 4 bits and ‘D’ is 4 LSBs
BBIN Data 0
BBIN Data 0
BBIN Data 1
BBIN C k 0
l
BBIN Clk 0
BBIN Clk 1
BBIN Sync 0
BBIN Sync 0
BBIN Sync 1
Mode 1B
T0504-01
Mode 1N (1 Rate)
Mode 2N (2 Rates)
In-D
Qn-A
00
Qn-C
In-B
Q0-D
I0-D
Q0-B
I0-B
Qn-D
I0-A
In-C
Qn-B
In-A
Q0-C
I0-C
Q0-A
I0-A
Qn-D
Qn-E
00
Qn-G
Qn-B
I0-H
I0-D
I0-F
I0-B
Qn-H
I0-A
Qn-C
Qn-F
Qn-A
I0-G
I0-C
I0-E
I0-A
‘n’ can be up to 47, ‘A’ is 2 MSBs, ‘B’ is next 2 bits, ‘C’ is next 2 bits, ... and ‘H’ is 2 LSBs
BBIN Data 0
BBIN Data 1
BBIN Data 2
BBIN Clk 0
BBIN Clk 1
BBIN Clk 2
BBIN Sync 0
BBIN Sync 1
BBIN Sync 2
Mode 1S (1 Rate)
Mode 2S (2 Rates)
Mode 3S (3 Rates)
Qn-D
Qn-D
Qn-E
Qn-E
00
00
Qn-G
Qn-G
Qn-B
Qn-B
I0-H
I0-H
I0-D
I0-D
I0-F
I0-F
I0-B
I0-B
Qn-H
Qn-H
I0-A
I0-A
Qn-C
Qn-C
Qn-F
Qn-F
Qn-A
Qn-A
I0-G
I0-G
I0-C
I0-C
I0-E
I0-E
I0-A
I0-A
GC6016
www.ti.com
SLWS227A
– NOVEMBER 2010 – REVISED MARCH 2011
Figure 10. TX BB Formats
The TX formatter block includes a per-channel TX gain adjust via a 16-bit complex digital word which can be set
to have gain between
–∞ and 9 dB.
Digital Down- and Upconverters (DDUCs)
The GC6016 has four identical and independent DDUC blocks that can be configured as either DDC or DUC.
Each DDUC can support up to 12 channels with scalable bandwidth.
The only difference between the DUC and DDC configurations is the interpolate (DUC) versus decimate (DDC)
functions and the data path direction as shown in Figure 11. Both DDC and DUC are described in this section.
Note that each DDUC block must be configured statically as a DUC or DDC and cannot switch modes
dynamically in TDD applications.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): GC6016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com