Electronic Components Datasheet Search
  English  ▼

X  

GC6016 Datasheet(PDF) 39 Page - Texas Instruments

Part # GC6016
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC6016 Datasheet(HTML) 39 Page - Texas Instruments

Back Button GC6016 Datasheet HTML 35Page - Texas Instruments GC6016 Datasheet HTML 36Page - Texas Instruments GC6016 Datasheet HTML 37Page - Texas Instruments GC6016 Datasheet HTML 38Page - Texas Instruments GC6016 Datasheet HTML 39Page - Texas Instruments GC6016 Datasheet HTML 40Page - Texas Instruments GC6016 Datasheet HTML 41Page - Texas Instruments GC6016 Datasheet HTML 42Page - Texas Instruments GC6016 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CEB
Addr
OEB
WEB
Data
T0517-01
t
su(RD)
t
su(RD)
t
dly(RD)
t
h(RD)
t
h(RD)
t
oh(RD)
t
z(RD)
GC6016
www.ti.com
SLWS227A
– NOVEMBER 2010 – REVISED MARCH 2011
Table 26. MPU Switching Characteristics (READ)
PARAMETER
TEST CONDITIONS
MIN MAX
UNIT
tsu(RD)
CEB and ADDR setup time to
↓OEB
See(1)
1.5
ns
tdly(RD)
Data valid time after
↓OEB
See(1)
15
ns
th(RD)
CEB and ADDR hold time to
↑OEB
See(1)
2.5
ns
tHIGH(RD)
Time OEB must remain HIGH between READs
See(1)
6
ns
tz(RD)
Data goes to high-impedance state after
↑OEB or ↑CEB
See(2)
5
ns
tcycle(RD)
Time between READs
See(1)
21
ns
toh(RD)
Time after OEB
↑ that data is valid
See (2)
TBD
ns
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Bench tested for output start changing after releasing strobe with a 50-
Ω load on the output
Figure 25. MPU READ Timing Specifications
Table 27. MPU Switching Characteristics (WRITE)
PARAMETER
TEST CONDITIONS
MIN MAX
UNIT
tsu(WR)
CEB, DATA, and ADDR setup time to
↓WEB
See(1)
1.4
ns
th(WR)
CEB, DATA, and ADDR hold time after
↑WEB
See(1)
3
ns
tlow(WR)
Time WEB and CEB must remain simultaneously LOW
See(1)
4
ns
thigh(WR)
Time CEB or WRB must remain HIGH between WRITEs
See(1)
7
ns
tcycle(WR)
Time between WRITEs
See(1)
11
ns
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): GC6016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com