Electronic Components Datasheet Search
  English  ▼

X  

GC6016 Datasheet(PDF) 34 Page - Texas Instruments

Part # GC6016
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC6016 Datasheet(HTML) 34 Page - Texas Instruments

Back Button GC6016 Datasheet HTML 30Page - Texas Instruments GC6016 Datasheet HTML 31Page - Texas Instruments GC6016 Datasheet HTML 32Page - Texas Instruments GC6016 Datasheet HTML 33Page - Texas Instruments GC6016 Datasheet HTML 34Page - Texas Instruments GC6016 Datasheet HTML 35Page - Texas Instruments GC6016 Datasheet HTML 36Page - Texas Instruments GC6016 Datasheet HTML 37Page - Texas Instruments GC6016 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
ADC Data
ADC Clock
t
su
t
su
t
h
t
h
T0512-01
GC6016
SLWS227A
– NOVEMBER 2010 – REVISED MARCH 2011
www.ti.com
Table 17. General LVDS ADC Interface Table
Clock
ADC Type
Bits per Rail
ADC Format
ADC Input Timing Table
ADC Figure
Centered
ADS5400
1
Yes
W7
Table 18
Figure 19
ADS54RF63 (*)
1
No
W14
Table 19
Figure 19
ADS5463 (*)
1
No
W14
Table 19
Figure 19
ADS5474 (*)
1
No
W14
Table 19
Figure 19
RXA as baseband
2
Yes
Baseband format
– W14
Table 21
Figure 19
TX input
ADS61xx, ADS41xx,
2
Yes
B7
Table 20
Figure 19
ADS62pxx
ADS55xx
2
Yes
B7, W7
Table 20Table 18
Figure 19
ADS58B18
2
Yes
B7, W7
Table 20Table 18
Figure 19
ADS58B28,
2
Yes
B7, W7
Table 20Table 18
Figure 19
ADS62c1x
ADS64xx
6 or 7
Yes
W7
Table 18
Figure 20
ADS52xx
12 or 14
Yes
W7
Table 18
Figure 20
Table 18. RX ADC-W7 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fCLK(ADC)
RX input clock frequency, ADCA7 Clk
See (1)
620
MHz
Input data setup time on port A before ADCA7
tsu(ADC,A)
See (1)(2)
260
ps
Clk transition
Input data hold time on port A after ADCA7 Clk
th(ADC,A)
See (1)(2)
170
ps
transition
Input data setup time on port B before ADCB7
tsu(ADC,B)
See (1)(2)
260
ps
Clk transition
Input data hold time on port B after ADCB7 Clk
th(ADC,B)
See (1)(2)
140
ps
transition
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Setup and hold times apply to data and appropriate ADC Clk, respectively. Timing is measured from ADC Clk threshold crossing.
Figure 19. RX ADC LVDS Timing Specifications (RXA and RXB)
34
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC6016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com