Electronic Components Datasheet Search
  English  ▼

X  

GC6016 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC6016
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC6016 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC6016 Datasheet HTML 17Page - Texas Instruments GC6016 Datasheet HTML 18Page - Texas Instruments GC6016 Datasheet HTML 19Page - Texas Instruments GC6016 Datasheet HTML 20Page - Texas Instruments GC6016 Datasheet HTML 21Page - Texas Instruments GC6016 Datasheet HTML 22Page - Texas Instruments GC6016 Datasheet HTML 23Page - Texas Instruments GC6016 Datasheet HTML 24Page - Texas Instruments GC6016 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
GC6016
www.ti.com
SLWS227A
– NOVEMBER 2010 – REVISED MARCH 2011
Any of the up to eight complex RX antenna/signal inputs across both sub-chips may be switched to one or more
of the up to 4 output streams of each sub-chip.
IF NCO
The NCO/mixer block generates in-phase and quadrature sinusoidal signals (cos/sin) and mixes them with the
switched antenna streams to frequency-translate the RX signals. The NCO contains a 48-bit frequency word and
48-bit accumulator.
BDC
The BDC supports the following modes and sample rates at its input (across both sub-chips):
•
Single
– 4 × DPD clock rate real, 2× DPD clock rate complex
•
Dual
– 2 × DPD clock rate real, DPD clock rate complex
•
Quad
– DPD clock rate real, 1/2 DPD clock rate complex
•
Octal
– 1/2 DPD clock rate real
Total decimation factors may be 1, 2, 4, 8, or 16. The decimation filtering is achieved with the cascade of the
real-to-complex filter (R2C), a fixed filter F1, and a fixed filter F2. The rejection of the F1 and F2 filters is:
•
Filter F1 (decimate by 1 or 2)
– If used, always followed by filter F2, so relaxed requirements
– 45% bandwidth, –107 dB stopband
•
Filter F2
– Recirculated 1–3 times to provide 2, 4, or 8× decimation factor
– 90% bandwidth, –75 dB, stop band
– 80% bandwidth, –106 dB, stop band
Equalizer
The receive equalizer is full-complex 16-tap filter that performs the following signal-processing functions:
•
Programmable spectral inversion at the input
•
Equalization of analog signal paths
•
Channel equalization for repeater applications
•
Gain/phase/fractional delay adjust (MIMO/smart antenna support)
•
Fixed dc offset compensation at the output
Independent complex coefficients for real and imaginary signal data allow full flexibility for independent
equalization of the direct- and cross-IQ signal components, as well as frequency-dependent IQ gain and phase
imbalance compensation. The programmable 16-bit coefficient sets (i.e., Cii, Cqq, Ciq and Cqi, for each tap) can be
updated on the fly.
IQ imbalance correction
Automatic correction of IQ imbalance is provided with a 1-tap blind adaptive algorithm. The correction coefficients
also may be programmed to fixed values. This block supports programmable integration intervals and flexible
gating of loop operation.
RX Distributor
The outputs from the RX sub-chips are routed to the RX distributor block, which enables arbitrary assignment of
RX streams to DDC channels and blocks.
RX Baseband Output Formatter
The RX baseband (BB) output formatter block accepts data from the DDC and formats the data for output on the
BB LVDS pins. A back-end AGC (beAGC) function is included that optionally adjusts the gain of each channel
and provides multiple format options. There are 12 unidirectional LVDS pairs for the RX BB interface.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): GC6016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com