Electronic Components Datasheet Search
  English  ▼

X  

ISO35T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35T
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35T Datasheet(HTML) 4 Page - Texas Instruments

  ISO35T Datasheet HTML 1Page - Texas Instruments ISO35T Datasheet HTML 2Page - Texas Instruments ISO35T Datasheet HTML 3Page - Texas Instruments ISO35T Datasheet HTML 4Page - Texas Instruments ISO35T Datasheet HTML 5Page - Texas Instruments ISO35T Datasheet HTML 6Page - Texas Instruments ISO35T Datasheet HTML 7Page - Texas Instruments ISO35T Datasheet HTML 8Page - Texas Instruments ISO35T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISO35T
SLLSE26C
– NOVEMBER 2010 – REVISED AUGUST 2011
www.ti.com
RS-485 DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA (No Load)
2.5
VCC2
RL = 54 Ω (RS-485), See Figure 1
1.5
2
|VOD|
Differential output voltage magnitude
V
RL = 100 Ω (RS-422)
(1), See Figure 1
2
2.3
Vtest = –7 V to +12 V, See Figure 2
1.5
Change in magnitude of the differential output
Δ|VOD|
See Figure 1 and Figure 2
–0.2
0
0.2
V
voltage
VOC(SS)
Steady-state common-mode output voltage
1
2.6
3
V
Figure 3
Change in steady-state common-mode output
ΔVOC(SS)
–0.1
0.1
V
voltage
VOC(pp)
Peak-to-peak common-mode output voltage
See Figure 3
0.25
V
II
Input current, D
& DE
VI at 0 V or VCC1
–10
10
µA
VY or VZ = 12V,
VCC = 0 V or 3 V,
90
DE = 0 V
Other input
IOZ
High-impedance state output current
µA
at 0 V
VY or VZ = –7 V,
VCC = 0 V or 3 V,
–10
DE = 0 V
IOS(P)
(2)
Peak short-circuit output current
300
mA
VY or VZ = –7 V to +12 V,
Other input
See Figure 4
at 0 V
IOS(SS)
(2)
Steady-state short-circuit output current
-250
250
mA
VI = 0.4 sin (4E6πt) + 0.5V,
C(OD)
Differential output capacitance
16
pF
DE at 0 V
(1)
VCC2 = 3.3 V ± 5%
(2)
This device has thermal shutdown and output current-limiting features to protect in short-circuit fault condition.
RS-485 DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
See Figure 5
205
340
tsk(p)
Pulse skew (|tPHL – tPLH|)
1.5
ns
tr
Differential output signal rise time
120
185
300
tf
Differential output signal fall time
120
180
300
tPHZ
Propagation delay, high-level-to-high-impedance output
See Figure 6
205
tPZH
Propagation delay, high-impedance-to-high-level output
530
ns
tPLZ
Propagation delay, low-level to high-impedance output
See Figure 7
330
tPZL
Propagation delay, high-impedance-to-low-level output
530
RS-485 RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going input threshold voltage
IO = -8 mA
–20
mV
VIT(–)
Negative-going input threshold voltage
IO = 8 mA
–200
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
VID = +200 mV, IO = -8
VOH
High-level output voltage
2.4
mA
See Figure 8
V
VID = –200 mV, IO = 8
VOL
Low-level output voltage
0.4
mA
IO(Z)
High-impedance state output current
VO = 0 or VCC1, RE = VCC1
–1
1
µA
4
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com