Electronic Components Datasheet Search
  English  ▼

X  

ISO35T Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35T
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35T Datasheet(HTML) 1 Page - Texas Instruments

  ISO35T Datasheet HTML 1Page - Texas Instruments ISO35T Datasheet HTML 2Page - Texas Instruments ISO35T Datasheet HTML 3Page - Texas Instruments ISO35T Datasheet HTML 4Page - Texas Instruments ISO35T Datasheet HTML 5Page - Texas Instruments ISO35T Datasheet HTML 6Page - Texas Instruments ISO35T Datasheet HTML 7Page - Texas Instruments ISO35T Datasheet HTML 8Page - Texas Instruments ISO35T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Y
B
Z
A
GND2
DW PACKAGE
GND2
NC
R
RE
D
D1
DE
GND1
D2
V
CC1
V
CC2
DE
7
D
8
R
5
6
RE
Y
Z
B
A
14
11
12
13
D1
2
OSC
1
D2
ISO35T
www.ti.com
SLLSE26C
– NOVEMBER 2010 – REVISED AUGUST 2011
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
Check for Samples: ISO35T
1
FEATURES
•
3000VRMS / 4242VPK Isolation
•
Bus-Pin ESD Protection
– 16 kV HBM Between Bus-Pins and GND2
– 6 kV HBM Between Bus-Pins and GND1
•
1/8 Unit Load
– Up to 256 Nodes on a Bus
•
Designed for RS-485 and RS-422 Applications
•
Signaling Rates up to 1 Mbps
•
Thermal Shutdown Protection
FUNCTION DIAGRAM
•
Typical Efficiency
> 60% (ILOAD = 100 mA)
- see SLUU470
•
Low Driver Bus Capacitance 16 pF (Typ)
•
50 kV/
µs Typical Transient Immunity
•
UL 1577, IEC 60747-5-2 (VDE 0884, Rev. 2)
Approvals Pending
•
Fail-safe Receiver for Bus Open, Short, Idle
•
Logic Inputs are 5-V Tolerant
APPLICATIONS
•
Isolated RS-485/RS-422 Interfaces
•
Factory Automation
•
Motor/Motion Control
•
HVAC and Building Automation Networks
•
Networked Security Stations
DESCRIPTION
The ISO35T is an isolated differential line transceiver with integrated oscillator outputs that provide the primary
voltage for an isolation transformer. The device is a full-duplex differential line transceiver for RS-485 and
RS-422 applications that can easily be configured for half-duplex operation by connecting pin 11 to pin 14, and
pin 12 to pin 13.
These devices are ideal for long transmission lines since the ground loop is broken to allow for a much larger
common-mode voltage range. The symmetrical isolation barrier of the device is tested to provide 4242VPK of
isolation per VDE for 60s between the bus-line transceiver and the logic-level interface.
Any cabled I/O can be subjected to electrical noise transients from various sources. These noise transients can
cause damage to the transceiver and/or near-by sensitive circuitry if they are of sufficient magnitude and
duration. The ISO35T can significantly reduce the risk of data corruption and damage to expensive control
circuits.
The ISO35T is specified for use from
–40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO35T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35TDW TI1-ISO35TDW Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35TDWR TI1-ISO35TDWR Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
More results

Similar Description - ISO35T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Texas Instruments
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com