Electronic Components Datasheet Search
  English  ▼

X  

ISO35T Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35T
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35T Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO35T Datasheet HTML 2Page - Texas Instruments ISO35T Datasheet HTML 3Page - Texas Instruments ISO35T Datasheet HTML 4Page - Texas Instruments ISO35T Datasheet HTML 5Page - Texas Instruments ISO35T Datasheet HTML 6Page - Texas Instruments ISO35T Datasheet HTML 7Page - Texas Instruments ISO35T Datasheet HTML 8Page - Texas Instruments ISO35T Datasheet HTML 9Page - Texas Instruments ISO35T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
375
375
60
.
+
-
D
DE
Y
Z
W
W
W
V
CC2
0 or 3 V
GND2
V
OD
V
=
-7 V to 12 V
TEST
0 or
II
VI
D
DE
Y
Z
V
Z
V
Y
V
OD
I
Y
I
Z
GND2
GND1
V
CC1
V
CC1
GND2
GND1
R
L
VOC
Z
VZ
VY
Y
VOC(SS)
OC(p-p)
V
Generator: PRR= 100 kHz, 50 % duty
cycle, t r < 6ns, tf <6 ns, ZO = 50W
Input
Input
II
VI
D
DE
Y
Z
VOD
27
±1%
W
VCC1
GND1
GND2
GND2
GND1
IY
IZ
VZ
VY
VOC
27
±1%
W
_
+
V
OS
DE
D
GND1
GND2
Y
Z
I
OS
I
OS
300
250
time
RL= 54
L
= 50pF
50
D
Y
Z
DE
VI
Input
Generator
± 20%
±1%
W
W
Generator: PRR = 100 kHz, 50 % duty cycle,
t r < 6ns, tf <6 ns, ZO = 50W
includes fixture and
instrumentation capacitance
C
L
C
VCC1
GND1
VOD
50%
3 V
tf
tr
tpLH
10%
90%
VI
90%
10 %
50%
50 %
50 %
VOD
VOD(H)
VOD(L)
tpHL
ISO35T
SLLSE26C
– NOVEMBER 2010 – REVISED AUGUST 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver VOD Test and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading
Test Circuit
Figure 3. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage
Figure 4. Driver Short-Circuit Test Circuit and Waveforms (Short Circuit applied at Time t=0
Figure 5. Driver Switching Test Circuit and Voltage Waveforms
6
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com