Electronic Components Datasheet Search
  English  ▼

X  

ISO35T Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35T
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35T Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO35T Datasheet HTML 9Page - Texas Instruments ISO35T Datasheet HTML 10Page - Texas Instruments ISO35T Datasheet HTML 11Page - Texas Instruments ISO35T Datasheet HTML 12Page - Texas Instruments ISO35T Datasheet HTML 13Page - Texas Instruments ISO35T Datasheet HTML 14Page - Texas Instruments ISO35T Datasheet HTML 15Page - Texas Instruments ISO35T Datasheet HTML 16Page - Texas Instruments ISO35T Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
16V
Input
B Input
16V
VCC 2
36 kW
36 kW
180 k
16V
Input
A Input
36 k
16V
W
W
36 kW
VCC 2
180 kW
16V
Output
Y and Z Outputs
16V
VCC 2
4
6 .5
W
W
VCC 1
R Output
output
ISO35T
www.ti.com
SLLSE26C
– NOVEMBER 2010 – REVISED AUGUST 2011
THERMAL INFORMATION
ISO35T
THERMAL METRIC(1)
DW
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
80.5
θJC(TOP)
Junction-to-case(top) thermal resistance
43.8
θJB
Junction-to-board thermal resistance
49.7
°C/W
ψJT
Junction-to-top characterization parameter
13.8
ψJB
Junction-to-board characterization parameter
41.4
θJC(BOTTOM)
Junction-to-case(bottom) thermal resistance
n/a
PD
(2)
VCC1 = VCC2 = 3.6V, TJ = 150°C, RL = 54Ω, CL = 50pF (Driver), CL = 15pF (Receiver),
373
mW
Input a 0.5 MHz 50% duty cycle square wave to Driver and Receiver
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
PD = Maximum device power dissipation
EQUIVALENT CIRCUIT SCHEMATICS
Copyright
© 2010–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com