Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck IR3476 TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 5 Page - International Rectifier

  IR3476 Datasheet HTML 1Page - International Rectifier IR3476 Datasheet HTML 2Page - International Rectifier IR3476 Datasheet HTML 3Page - International Rectifier IR3476 Datasheet HTML 4Page - International Rectifier IR3476 Datasheet HTML 5Page - International Rectifier IR3476 Datasheet HTML 6Page - International Rectifier IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
5
IR3476
12A Highly Integrated SupIRBuck
TM
PIN DESCRIPTIONS
PIN #
PIN NAME
I/O LEVEL
PIN DESCRIPTION
1
FCCM
3.3V
Forced Continuous Conduction Mode (CCM). Ground this pin to enable diode
emulation mode or discontinuous conduction mode (DCM). Pull this pin to 3.3V
to operate in CCM under all load conditions.
2
ISET
Connecting resistor to PHASE pin sets over current trip point.
3
PGOOD
5V
Power good open drain output – pull up with a resistor to 3.3V
4, 17
GND
Reference
Bias return and signal reference.
5
FB
3.3V
Inverting input to PWM comparator, OVP / PGOOD sense.
6
SS
3.3V
Soft start/shutdown. This pin provides user programmable soft-start function.
Connect an external capacitor from this pin to GND to set the startup time of the
output voltage. The converter can be shutdown by pulling this pin below 0.3V.
7
NC
-
-
8
3VCBP
3.3V
For internal LDO. Bypass with a 1.0µF capacitor to GND.
9
NC
-
-
10
VCC
5V
VCC input. Gate drive supply. A minimum of 1.0µF ceramic capacitor is required.
11
PGND
Reference
Power return.
12
PHASE
VIN
Phase node (or switching node) of MOSFET half bridge.
13
VIN
VIN
Input voltage for the system.
14
BOOT
VIN + VCC
Bootstrapped gate drive supply – connect a capacitor to PHASE.
15
FF
VIN
Input voltage feed forward – sets on-time with a resistor to VIN.
16
EN
5V
Enable pin to turn on and off the device. Use two external resistors to set the
turn on threshold (see Electrical Specifications) for input voltage monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com