Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck IR3476 TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3476 Datasheet HTML 4Page - International Rectifier IR3476 Datasheet HTML 5Page - International Rectifier IR3476 Datasheet HTML 6Page - International Rectifier IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier IR3476 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
8
IR3476
12A Highly Integrated SupIRBuck
TM
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Fault Protection
ISET Pin Output Current
On the basis of 25°C
17
19
21
µA
ISET Pin Output Current
Temperature Coefficient
On the basis of 25°C, Note 1
4400
ppm/
°C
Under Voltage Threshold
Falling VFB & Monitor
PGOOD
0.37
0.4
0.43
V
Under Voltage Hysteresis
Rising VFB, Note 1
7.5
mV
Over Voltage Threshold
Rising VFB & Monitor PGOOD
0.586
0.625
0.655
V
Over Voltage Hysteresis
Falling VFB, Note 1
7.5
mV
VCC Turn-on Threshold
-40°C to 125°C
3.9
4.2
4.5
V
VCC Turn-off Threshold
3.6
3.9
4.2
V
VCC Threshold Hysteresis
300
mV
EN Rising Threshold
-40°C to 125°C
1.1
1.25
1.45
V
EN Hysteresis
400
mV
EN Input Current
EN = 3.3V
15
µA
PGOOD Pull Down Resistance
25
50
Ω
PGOOD Delay Threshold
VSS
1
V
Thermal Shutdown Threshold
Note 1
125
140
°C
Thermal Shutdown Threshold
Hysteresis
Note 1
20
°C
Note:
1.
Guaranteed by design but not tested in production
2.
Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2).
Products with prior date code of 1227 are qualified with MSL3 for Consumer Market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com