Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck IR3476 TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier IR3476 Datasheet HTML 12Page - International Rectifier IR3476 Datasheet HTML 13Page - International Rectifier IR3476 Datasheet HTML 14Page - International Rectifier IR3476 Datasheet HTML 15Page - International Rectifier IR3476 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
12
IR3476
12A Highly Integrated SupIRBuck
TM
THEORY OF OPERATION
PWM COMPARATOR
The PWM comparator initiates a SET signal (PWM pulse)
when the FB pin falls below the reference (VREF) or the
soft start (SS) voltage.
ON-TIME GENERATOR
The PWM on-time duration is programmed with an
external resistor (RFF) from the input supply (VIN) to the FF
pin. The simplified equation for RFF is shown in equation 1.
The FF pin is held to an internal reference after EN goes
HIGH. A copy of the current in RFF charges a timing
capacitor, which sets the on-time duration, as shown in
equation 2.
CONTROL LOGIC
The control logic monitors input power sources, sequences
the converter through the soft-start and protective modes,
and initiates an internal RUN signal when all conditions are
met.
VCC and 3VCBP pins are continuously monitored, and the
IR3476 will be disabled if the voltage of either pin drops
below the falling thresholds. EN_DELAY will become HIGH
when VCC and 3VCBP are in the normal operating range
and the EN pin = HIGH.
SOFT START
With EN = HIGH, an internal 10µA current source charges
the external capacitor (CSS) on the SS pin to set the output
voltage slew rate during the soft start interval. The soft
start time (tSS) can be calculated from equation 3.
The feedback voltage tracks the SS pin until SS reaches the
0.5V reference voltage (Vref), then feedback is regulated
to Vref. CSS will continue to be charged, and when SS pin
reaches VSS (see Electrical Specification), SS_DELAY goes
HIGH. With EN_DELAY = LOW, the capacitor voltage and SS
pin is held to the FB pin voltage. A normal startup
sequence is shown in Figure 23.
PGOOD
The PGOOD pin is open drain and it needs to be externally
pulled high. High state indicates that output is in
regulation. The PGOOD logic monitors EN_DELAY,
SS_DELAY, and under/over voltage fault signals. PGOOD is
released only when EN_DELAY and SS_DELAY = HIGH and
output voltage is within the OV and UV thresholds.
PRE-BIAS STARTUP
IR3476 is able to start up into pre-charged output, which
prevents oscillation and disturbances of the output
voltage.
With constant on-time control, the output voltage is
compared with the soft start voltage (SS) or Vref,
depending on which one is lower, and will not start
switching unless the output voltage drops below the
reference. This scheme prevents discharge of a pre-biased
output voltage.
SHUTDOWN
The IR3476 will shutdown if VCC is below its UVLO limit.
The IR3476 can be shutdown by pulling the EN pin below
its lower threshold. Alternatively, the output can be
shutdown by pulling the soft start pin below 0.3V.
Figure 23: Normal Startup
(1)
F
20
1
V
R
SW
OUT
FF
pF
V
(2)
V
20
1
R
T
IN
FF
ON
pF
V 
(3)
A
10
5
.
0
V
C
t
SS
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com