Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck IR3476 TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3476 Datasheet HTML 13Page - International Rectifier IR3476 Datasheet HTML 14Page - International Rectifier IR3476 Datasheet HTML 15Page - International Rectifier IR3476 Datasheet HTML 16Page - International Rectifier IR3476 Datasheet HTML 17Page - International Rectifier IR3476 Datasheet HTML 18Page - International Rectifier IR3476 Datasheet HTML 19Page - International Rectifier IR3476 Datasheet HTML 20Page - International Rectifier IR3476 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
17
IR3476
12A Highly Integrated SupIRBuck
TM
STABILITY CONSIDERATIONS
Constant-on-time control is a fast, ripple based control
scheme. Unstable operation can occur if certain conditions
are not met. The system instability is usually caused by:
Switching noise coupled to FB input:
This causes the PWM comparator to trigger prematurely
after the 500ns minimum on-time for lower MOSFET.
It will result in double or multiple pulses every switching
cycle instead of the expected single pulse. Double pulsing
can causes higher output voltage ripple, but in most
application it will not affect operation. This can usually be
prevented by careful layout of the ground plane and the
FB sensing trace.
Steady state ripple on FB pin being too small:
The PWM comparator in IR3476 requires minimum
7mVp-p ripple voltage to operate stably. Not enough ripple
will result in similar double pulsing issue described above.
Solving this may require using output capacitors with
higher ESR.
ESR loop instability:
The stability criteria of constant on-time is:
If ESR is too small that this criteria is violated then sub-
harmonic oscillation will occur. This is similar to the
instability problem of peak-current-mode control with
D>0.5. Increasing ESR is the most effective way to stabilize
the system, but the tradeoff is the larger output voltage
ripple.
System with all ceramic output capacitors:
For applications with all ceramic output capacitors, the ESR
is usually too small to meet the stability criteria. In these
applications, external slope compensation is necessary to
make the loop stable. The ramp injection circuit, composed
of R6, C13, and C14, shown in Figure 4 is required.
The inductor current ripple sensed by R6 and C13 is AC
coupled to the FB pin through C14. C14 is usually chosen
between 1 to 10nF, and C13 between 10 to 100nF. R6
should then be chosen such that L/DCR = C13*R6.
LAYOUT RECOMMENDATIONS
Bypass Capacitor:
A 1µF high quality ceramic capacitor should be placed on
the same side as the IR3476 and connected to VCC and
PGND pins directly.
Boot Circuit:
CBOOT should be placed near the BOOT and PHASE pins to
reduce the impedance when the upper MOSFET turns on.
Power Stage:
Figure 30 shows the current paths and their directions
for the on and off periods. The on time path has low
average DC current and high AC current. Therefore, it is
recommended to place the input ceramic capacitor, upper,
and lower MOSFET in a tight loop as shown in Figure 30.
The purpose of the tight loop from the input ceramic
capacitor is to suppress the high frequency (10MHz range)
switching noise and reduce Electromagnetic Interference
(EMI). If this path has high inductance, the circuit will
cause voltage spikes and ringing, and increase the
switching loss. The off time path has low AC and high
average DC current. Therefore, it should be laid out with
a tight loop and wide trace at both ends of the inductor.
Lowering the loop resistance reduces the power loss. The
typical resistance value of 1-ounce copper thickness is
0.5mΩ per square inch.
Figure 30: Current Path of Power Stage
2
ON
OUT
T
C
ESR
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com