Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3476
Description  12A Highly Integrated SupIRBuck IR3476 TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3476 Datasheet HTML 3Page - International Rectifier IR3476 Datasheet HTML 4Page - International Rectifier IR3476 Datasheet HTML 5Page - International Rectifier IR3476 Datasheet HTML 6Page - International Rectifier IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
7
IR3476
12A Highly Integrated SupIRBuck
TM
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
SYMBOL
MIN
MAX
UNITS
Recommended VIN Range
VIN
3
27*
V
Recommended VCC Range
VCC
4.5
5.5
Recommended Output Voltage Range
VOUT
0.5
12
Recommended Output Current Range
IOUT
0
12
A
Recommended Switching Frequency
FS
N/A
750
kHz
Recommended Operating Junction Temperature
TJ
-40
125
°C
* PHASE pin must not exceed 30V.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over VIN = 12V, 4.5V < VCC < 5.5V, 0°C ≤ TJ ≤ 125°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Control Loop
Reference Accuracy
VREF
VFB = 0.5V
0.495
0.5
0.505
V
On-Time Accuracy
RFF = 180K, TJ = 65°C
280
300
320
ns
Min. Off Time
500
580
ns
Soft-Start Current
EN = High
8
10
12
µA
DCM Comparator Offset
Measure at VPHASE
-4.5
-2.5
0
mV
Feedback Input Current
VFB = 0.5V, TA = 25°C, Note 1
0.01
0.2
µA
Supply Current
VCC Supply Current (standby)
EN = Low, No Switching
23
µA
VCC Supply Current (dynamic)
EN = High, FS = 300kHz
8
mA
FF Shutdown Current
EN = Low, RFF = 180K
2
µA
Forced Continuous Conduction Mode (FCCM)
FCCM Start Threshold
2
V
FCCM Stop Threshold
0.6
V
Gate Drive
Deadtime
Monitor body diode
conduction on PHASE pin,
Note 1
5
30
ns
Bootstrap PFET
Forward Voltage
I(BOOT) = 10mA
300
mV
Upper MOSFET
Static Drain-to-Source On-Resistance
VCC = 5V, ID = 12A, TJ = 25°C
20
25
mΩ
Lower MOSFET
Static Drain-to-Source On-Resistance
VCC = 5V, ID = 12A, TJ = 25°C
10
12.5
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com