Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 76 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 76 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 80Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 116 page
background image
76
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-5 Heat Sinks
3257, 3260
Extruded collar style heat sink with radial fins
Extruded collar style heat
sink with radial fins. The split
collar design provides a press fit
between the transistor and the
heat sink creating an excellent
thermal conduction path.
Available in two heights.
8.07
(0.318) THRU
12.70
(0.500)
"A"
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
325705
326005
ORDERING INFORMATION
12.70
(0.500)
6.35
(0.250)
"A"
Part Number
“A” Dim
320105B00000G
8.07 (0.318)
320205B00000G
7.75 (0.305)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
Extruded collar style heat sink with
swept back fins for increased surface
area in a small volume. The split collar
design provides a press fit between
the transistor and the heat sink creating
an excellent thermal conduction path.
Available in two inside diameters.
3201, 3202
Extruded collar style heat sink with swept back fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
19.05
(0.750)
ø 8.08
(0.318)
6.35
(0.250)
3.17
(0.125)
ø
7.62
(0.300)
R
Part Number
Description
323005B00000G
Extruded collar style heat sink with mounting boss
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
Extruded collar style heat sink
with mounting hole for hardware
attachment to the circuit card. The heat
sink includes a mount boss that will
accept a 4-40 screw for secure mounting
in high vibration environments. The split
collar design provides a press fit between
the transistor and the heat sink creating
an excellent thermal conduction path.
3230
Extruded collar style heat sink with mounting hole
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
“A” Dim
325705B00000G
6.35 (0.250)
326005B00000G
9.53 (0.375)
Material: Aluminum
Finish: Black Anodize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com