Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 36 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 36 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
36
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
7128
Copper channel style heat sink with integrated clip
Copper channel style heat sink with
integrated clip and locking tab for
secure attachment to the device. Narrow
profile uses less board space. Includes
tin plated solderable tabs for easy
attachment to the printed circuit card.
27.94
(1.100)
20.32
(0.800)
9.52
(0.375)
22.00
(0.866)
Top is cut
away to
show detail
1.27
(0.050)
1.27
(0.050)
2.79–3.43
(0.110–0.135)
5.31
(0.209)
4.47
(0.176)
6.12
(0.241)
1.68
(0.066)
1.07
(0.042)
10.80
(0.425)
Part Number
Description
7128DG
Slide on channel heat sink with integrated clip and locking tabs
2.92 (0.115)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
29.97
(1.180)
12.70
(0.500)
25.40
(1.000)
2.54
(0.100)
6.35
(0.250)
2.54
(0.100)
10.16
(0.400)
AT BASE
16.51
(0.650)
8.26
(0.325)
11.43
(0.450)
31.24
(1.230)
18.29
(0.720)
5.89
(0.232)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Channel style heat sink with
integrated clip and locking tab
for secure attachment to the device.
Tabs can be bent for mounting.
6038
Channel style heat sink with integrated clip
7142
Narrow channel style heat sink with integrated clip
Narrow channel style heat sink with
integrated clip and locking tab for
secure attachment to the device.
Device can be mounted horizontally
using a single center tab that can be
soldered directly to the PC board.
19.81
(0.780)
13.08
(0.515)
13.21
(0.520)
2.79
(0.110)
Top is cut
away to
show detail
2.54
(0.100)
0.64
(0.025)
14.86
(0.585)
CL
16.51
(0.650)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
7142DG
Slide on narrow channel heat sink with integrated clip and locking tabs
3.18 (0.125)
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
ORDERING INFORMATION
Part Number
Description
6038BG
Slide on channel heat sink with integrated clip and locking tabs
3.81 (0.150)
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
Material: 0.81(0.032) Thick Aluminum
Finish: Black Anodize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com