Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 94 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 94 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 90Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 91Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 94Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
94
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Solderable Pins / Solderable Nuts
Solderable nuts are permanently swaged into the heat sink
for quick pre-assembly with the transistor. Screws are used
to mount to the heat sink and are installed from the top.
Solderable nuts feature a closed end that prevents solder
from wicking into threads and trapping contaminants or flux.
Heat sink and transistor are then handled as a single compo-
nent and dropped into plated-thru holes in the PC board for
wave soldering. (Solderable nuts require slightly larger printed
circuit board hole sizes)
• Pre-mounted to heat sink at factory
• Ease of pre-assembly in production
• Mechanical and electrical integrity
• Wave solderability
Solderable Nuts
Note: If a part number requires 2 solderable nuts, simply add a "/2" after the solderable
nut character suffix on Thermalloy origin parts.
FEATURES
Suffix
Ordering code
Dia of PCB thru hole
Thread
SNM-1
N/A
4.95 (0.195)
M3X0.5
SNE-1
14
4.95 (0.195)
4-40 UNC-2B
SNE-2
13
4.95 (0.195)
6-32 UNC-2B
(0.170)
4.32
(0.050)
1.27
(0.129)
3.28
(0.140)
3.56
ø
SOLDERABLE NUT
(0.170)
4.32
SOLDERABLE
NUT
(0.129)
3.28
(0.140)
3.56
CL
(0.065)
1.65
ø
THREAD
7.62
(0.300)
ø
7.75
(0.305)
3.56
(0.140)
3.28
(0.129)
4.32
(0.170)
Mechanical drawings showing heat sinks with solderable nuts
506003B0 _ _ 00G
Ordering code
7019B–
G
B
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
A
A = Model number
B = Solderable nut suffix
C = RoHS compliant
Vertically mounted, extruded heat sinks are
converted to wave solderable with the addition
of solderable roll pins. Roll pins are available
with stand-off shoulders in different heights
for easier cleaning after wave soldering.
Suffix
Ordering code
Description
“A” Dim
Figure
P2
21
Solid pin w/stand-off shoulder 0.050"
0.050
A
P3
N/A
Solid pin w/stand-off shoulder 0.125"
0.125
A
N/A
25
Solid solderable pin
B
Solderable Pins
12.70
(0.500)
4.45
(0.175)
2.34
(0.092)
Typical installation P2-P3
529902B0 _ _ 00G
Ordering code
ORDERING INFORMATION
example 12 digit part
FIGURE B
(0.097)
2.46
(0.095)
2.41
(0.216)
5.49
(0.500)
12.70
ø
ø
"A"
FIGURE A
Stand-Off Shoulder
Heat sink
PC Board
"A"
Pin 25
1.27
(0.500)
2.41
(0.095) REF
5.49
(0.216)
REF
REF
3.96
(0.156)
2.46
(0.097)
Pin P2-P3
6396B–
G
B
example
Thermalloy origin part
A
A = Model number
B = Solid pin suffix
C = RoHS compliant
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com