Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 58 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 58 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
58
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
5130, 5131, 5132, 5133
Extruded heat sink with radial fins
Extruded heat sink with radial fins
feature equal channel widths on
both sides for single or dual device
mounting. Includes two solderable
mounting pins which permit vertical
mounting and eliminate stress on
device leads. Available in four heights
for TO-220,TO-218, and TO-247 devices.
(0.500)
12.70
(0.125)
3.18
(1.375)
34.92
(0.062)
1.57
(1.000)
25.40
2x
(0.156)
3.96
2x
(0.093)
2.37
"A"
"B"
"C"
ø
17.48
(0.688)
"D"
"E"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
51310X
51300X
Material: Aluminum
Finish: Black Anodize
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
51330X
51320X
ORDERING INFORMATION
Part Number
Device
“A” Dim
“B” Dim
“C” Dim
“D” Dim
“E” Dim
513001B02500G
TO-218, TO-247
25.40 (1.000)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513002B02500G
TO-220
25.40 (1.000)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513101B02500G
TO-218, TO-247
38.10 (1.500)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513102B02500G
TO-220
38.10 (1.500)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513201B02500G
TO-218, TO-247
50.80 (2.000)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513202B02500G
TO-220
50.80 (2.000)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513301B02500G
TO-218, TO-247
63.50 (2.500)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513302B02500G
TO-220
63.50 (2.500)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
BW38, BW50, BW63
Wide extruded heat sink with unequal channel
Wide extruded heat sink with
unequal channel widths on front
and back can accommodate a TO-220,
TO-218, or TO-247 device. Includes two
solderable mounting pins which permit
vertical mounting and eliminate stress
on device leads. Available in three heights.
Versions without hole use clip 6801 (sold
separately) to attach device. See page 97
for clip information.
25.40
(1.000)
4.00
(0.157)
2.60
(0.101)
25.40
(1.000)
21.60
(0.850)
2.00
(0.079)
3.6
(0.144)
"A"
ø
34.90
(1.375)
12.70
(0.500)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
04
8
12
16
20
8
6
2
4
0
0
400
200
600
800
1000
BW50
BW63
BW38
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
Holes
BW38-2G
Extruded heat sink with unequal channel widths front and back
38.00 (1.496)
No
3.00 (0.118)
BW38-4G
With device mounting hole
38.00 (1.496)
Yes
3.00 (0.118)
BW50-2G
Extruded heat sink with unequal channel widths front and back
50.00 (1.968)
No
3.00 (0.118)
BW50-4G
With device mounting hole
50.00 (1.968)
Yes
3.00 (0.118)
BW63-2G
Extruded heat sink with unequal channel widths front and back
63.00 (2.480)
No
3.00 (0.118)
BW63-4G
With device mounting hole
63.00 (2.480)
Yes
3.00 (0.118)
Dia of PCB
Plated Thru
Hole for Pins
For additional options see page 83
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com