Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 12 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 12 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
12
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
Solder anchor attachment
Aavid's unique Solder anchor attachment method
uses two or four small Solder anchors attached to
the circuit card and a wire spring clip to securely
fasten the heat sink to the device. This method is
rugged, compact and allows for easy removal in
case of rework.
All products include a phase change pad suitable
for most IC package styles to optimize thermal
performance. Models are available with a single
or dual spring clips for additional thermal interface
pressure. Solder anchors are ordered separately.
IC Pkg Size (mm)
IC Pkg Style
Part Number
“W” (mm)
“L” (mm) “H” (mm)
“A” (mm)
θn
1
θf
2
Finish
Fig.
4
PCB Fig.
4
#Anchors
3
23 x 23
All
374024B60023G
23.00
23.00
10.00
49.70
40.00
11.69
Black anodize
1
A
2
23 x 23
All
374124B60023G
23.00
23.00
18.00
49.70
23.40
7.39
Black anodize
1
A
2
23 x 23
All
374224B60023G
23.00
23.00
25.00
49.70
19.70
6.37
Black anodize
1
A
2
27 x 27
All
374324B60023G
27.00
27.00
10.00
49.70
30.60
9.35
Black anodize
1
A
2
27 x 27
All
374424B60023G
27.00
27.00
18.00
49.70
20.30
6.46
Black anodize
1
A
2
27 x 27
All
374524B60023G
27.00
27.00
25.00
49.70
16.50
5.47
Black anodize
1
A
2
35 x 35
Flip chip
10-5634-01G
31.00
34.90
23.00
11.50
4.20
Black anodize
2
C
2
35 x 35
Flip chip
10-THMA-01G
31.00
34.90
35.00
10.70
3.95
Black anodize
2
C
2
35 x 35
All
374624B60024G
35.00
35.00
10.00
62.30
23.40
7.55
Black anodize
1
B
2
35 x 35
All
374724B60024G
35.00
35.00
18.00
62.30
15.30
5.15
Black anodize
1
B
2
35 x 35
All
374824B60024G
35.00
35.00
25.00
62.30
12.00
4.27
Black anodize
1
B
2
37.5 x 37.5
Flip chip
10-BRD2-01G
35.70
37.30
23.00
11.50
4.20
Clear anodize
2
B
2
37.5 x 37.5
Flip chip
10-BRD1-01G
37.50
37.50
23.00
10.10
3.83
Black anodize
2
B
2
37.5 x 37.5
Flip chip
10-BRD1-03G
37.50
37.50
23.00
10.10
3.83
Black anodize
3
D
4
37.5 x 37.5
Flip chip
10-BRD1-04G
37.50
37.50
23.00
10.10
3.83
Black anodize
2
B
2
37.5 x 37.5
Flip chip
10-BRD1-05G
37.50
37.50
23.00
10.10
3.83
Clear anodize
3
D
4
37.5 x 37.5
Flip chip
10-BRD1-07G
37.50
37.50
23.00
10.10
3.83
Clear anodize
2
B
2
40 x 40
All
374924B60024G
40.00
40.00
10.00
62.30
20.30
6.46
Black anodize
1
B
2
40 x 40
All
375024B60024G
40.00
40.00
18.00
62.30
12.20
4.34
Black anodize
1
B
2
42 x 40
All
375124B60024G
40.00
40.00
25.00
62.30
10.30
3.83
Black anodize
1
B
2
42.5 x 42.5
Flip chip
10-CLS1-01G
42.30
42.30
23.00
8.80
3.51
Black anodize
2
E
2
42.5 x 42.5
Flip chip
10-CLS2-01G
42.30
42.30
35.00
8.30
3.44
Black anodize
2
E
2
BGA–Solder Anchor
1. Natural convection thermal resistance based on a 75º C heat sink temperature rise.
2. Force convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.
3. Solder anchors are sold separately refer to drawing above.
4. Solder anchor mechanical drawings and board mounting drawings see page 13.
7.19
(0.283)
7.62
(0.300)
5.08
(0.200)
0.64
(0.025)
"A"
2.49
(0.098)
SOLDER ANCHOR
Part Number
PCB Thickness (mm)
“A” Dim (mm)
125700D00000G
1.60
3.61
125800D00000G
2.54-2.79
4.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com