Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 105 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 105 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 116 page
background image
105
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
• Reduces stress on leads during wave solder and post-soldering operations
• Provides stable mount to resist shock and vibration damage to leads
• 8923-1, 8923-2, and 8924 fit the TO-220
Note: Tolerances ± 0.25 (0.010) unless otherwise specified.
Material is nylon 6/6 rated 94 V-O
1.52
(0.060)
TYP (4)
"A"
3.05
(0.120)
"B"
8.26
(0.325)
3.05
(0.120)
10.16
(0.400)
"C"
11.18
(0.440)
1.40
(0.055)
2.54
(0.100)
2.54
(0.100)
2.03
THRU
(0.080)
TYP (3)
4.06
(0.160)
1.02
(0.040)
1.52
(0.060)
SQ
SEE DETAIL "D"
(8924 ONLY)
DIA
DETAIL "D"
(8924 ONLY)
Insulators – Stanchion Pads
8923-1, 8923-2, 8924 Stanchion Pads
Part number
“A” Dim
“B” Dim
“C” Dim
8923-1G
2.54 (0.100)
20.32 (0.800)
8.00 (0.315)
8923-2G
1.27 (0.050)
19.05 (0.750)
8.00 (0.315)
8924G
1.27 (0.050)
19.05 (0.750)
7.87 (0.310)
FEATURES
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com