Electronic Components Datasheet Search
  English  ▼

X  

MF5 Datasheet(PDF) 2 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 2 Page - Texas Instruments

  MF5 Datasheet HTML 1Page - Texas Instruments MF5 Datasheet HTML 2Page - Texas Instruments MF5 Datasheet HTML 3Page - Texas Instruments MF5 Datasheet HTML 4Page - Texas Instruments MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLH5066
February 1995
MF5 Universal Monolithic Switched Capacitor Filter
General Description
The MF5 consists of an extremely easy to use general pur-
pose CMOS active filter building block and an uncommitted
op amp The filter building block together with an external
clock and a few resistors can produce various second order
functions The filter building block has 3 output pins One of
the output pins can be configured to perform highpass all-
pass or notch functions and the remaining 2 output pins
perform bandpass and lowpass functions The center fre-
quency of the filter can be directly dependent on the clock
frequency or it can depend on both clock frequency and
external resistor ratios The uncommitted op amp can be
used for cascading purposes for obtaining additional all-
pass and notch functions or for various other applications
Higher order filter functions can be obtained by cascading
several MF5s or by using the MF5 in conjuction with the
MF10 (dual switched capacitor filter building block) The
MF5 is functionally compatible with the MF10 Any of the
classical filter configurations (such as Butterworth Bessel
Cauer and Chebyshev) can be formed
Features
Y
Low cost
Y
14-pin DIP or 14-pin Surface Mount (SO) wide-body
package
Y
Easy to use
Y
Clock to center frequency ratio accuracy g06%
Y
Filter cutoff frequency stability directly dependent on
external clock quality
Y
Low sensitivity to external component variations
Y
Separate highpass (or notch or allpass) bandpass low-
pass outputs
Y
focQ range up to 200 kHz
Y
Operation up to 30 kHz (typical)
Y
Additional uncommitted op-amp
Block and Connection Diagrams
TLH5066 – 1
All Packages
TLH5066 – 2
Top View
Order Number MF5CN
See NS Package Number N14A
Order Number MF5CWM
See NS Package Number M14B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com