Electronic Components Datasheet Search
  English  ▼

X  

MF5 Datasheet(PDF) 3 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 3 Page - Texas Instruments

  MF5 Datasheet HTML 1Page - Texas Instruments MF5 Datasheet HTML 2Page - Texas Instruments MF5 Datasheet HTML 3Page - Texas Instruments MF5 Datasheet HTML 4Page - Texas Instruments MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va b Vb)
14V
Power Dissipation TA e 25 C (note 1)
500 mW
Storage Temp
150 C
Soldering Information
N Package
10 sec
260 C
SO Package
Vapor phase (60 sec)
215 C
Infrared (15 sec)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Input Voltage (any pin)
Vb s Vin s Va
Operating Temp Range
TMIN s TA s TMAX
MF5CN MF5CWM
0 C s TA s 70 C
Electrical Characteristics Va e 5V g 05% Vb eb5V g 05% unless otherwise noted Boldface limits
apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Supply Voltage
Min
8
V
(Va b Vb)
Max
14
V
Maximum Supply Current
Clock applied to Pin 8
45
60
mA
No Input Signal
Clock
Filter Output
10
mV
Feedthrough
Op-amp Output
10
mV
Filter Electrical Characteristics Va e 5Vg 05% Vb eb5Vg 05% unless otherwise noted Boldface
limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Center Frequency
Max
30
20
kHz
Range (fo)
Min
01
02
Hz
Clock Frequency
Max
15
10
MHz
Range (fCLK)
Min
50
10
Hz
Clock to Center
Ideal
Vpin9 ea5V
5011 g 02%
5011 g 15%
Frequency Ratio
Qe10
FCLKe250 kHz
(fCLK fo)
Mode 1
Vpin9 eb5V
10004 g 02%
10004 g 15%
FCLKe500 kHz
fCLK fo Temp
Vpin9 ea5V
g
10
ppm C
Coefficient
(501 CLK ratio)
Vpin9 eb5V
g
20
ppm C
(1001 CLK ratio)
Q Accuracy (Max)
Ideal
Vpin9 ea5V
g
10
%
(Note 2)
Qe10
FCLKe250 kHz
Mode 1
Vpin9 eb5V
g
10
%
FCLKe500 kHz
Q Temperature
Vpin9 ea5V
b
200
ppm C
Coefficient
(501 CLK ratio)
Vpin9 eb5V
b
70
ppm C
(1001 CLK ratio)
DC Lowpass Gain
Mode 1
g
02
dB
Accuracy (Max)
R1 e R2 e 10 kX
DC Offset
Vos1
g
50
mV
Voltage (Max)
Vos2
Vpin9 ea5V
b
185
mV
Vos3
(501 CLK ratio)
a
115
mV
(Note 3)
Vos2
Vpin9 eb5V
b
310
mV
Vos3
(1001 CLK ratio)
a
240
mV
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com