Electronic Components Datasheet Search
  English  ▼

X  

MF5 Datasheet(PDF) 9 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments MF5 Datasheet HTML 10Page - Texas Instruments MF5 Datasheet HTML 11Page - Texas Instruments MF5 Datasheet HTML 12Page - Texas Instruments MF5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
20 Modes of Operation (Continued)
MODE 2 Notch 2 Bandpass Lowpass fnotchkfo
(See
Figure 9 )
fo
e
center frequency
e
fCLK
100
0R2R4a1orfCLK500R2R4a1
fnotch
e
fCLK
100
or
fCLK
50
Q
e
quality factor of the complex pole pair
e 0
R2R4 a 1
R2R3
HOLP e Lowpass output gain (as f
x 0)
eb
R2R1
R2R4 a 1
HOBP e Bandpass output gain (at f e fo) ebR3R1
HON1 e Notch output gain (as f x 0)
eb
R2R1
R2R4 a 1
HON2 e Notch output gain
asfxfCLK2J ebR2R1
Filter dynamics HOBP e Q
0HOLP HON2 e Q 0HON1 HON2
MODE 3 Highpass Bandpass Lowpass Outputs
(See
Figure 10 )
fo
e
fCLK
100
c
0R2R4orfCLK50c0R2R4
Q
e
quality factor of the complex pole pair
e
0R2R4cR3R2
HOHP e Highpass gain
asfxfCLK2J ebR2R1
HOBP e Bandpass gain (at f e fo) eb
R3
R1
HOLP e Lowpass gain (as f
x 0) eb
R4
R1
Circuit dynamics
R2
R4
e
HOHP
HOLP
HOBP e
0HOHP c HOLP c Q
HOLP(peak) j Q c HOLP (for high Q’s)
HOHP(peak) j Q c HOHP (for high Q’s)
TLH5066 – 18
FIGURE 9 MODE 2
TLH5066 – 19
FIGURE 10 MODE 3
In Mode 3 the feedback loop is closed around
the input summing amplifier the finite GBW prod-
uct of this op amp causes a slight Q enhance-
ment If this is a problem connect a small capaci-
tor (10 pF–100 pF) across R4 to provide some
phase lead
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com