Electronic Components Datasheet Search
  English  ▼

X  

MF5 Datasheet(PDF) 14 Page - Texas Instruments

Part # MF5
Description  Universal Monolithic Switched Capacitor Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button MF5 Datasheet HTML 10Page - Texas Instruments MF5 Datasheet HTML 11Page - Texas Instruments MF5 Datasheet HTML 12Page - Texas Instruments MF5 Datasheet HTML 13Page - Texas Instruments MF5 Datasheet HTML 14Page - Texas Instruments MF5 Datasheet HTML 15Page - Texas Instruments MF5 Datasheet HTML 16Page - Texas Instruments MF5 Datasheet HTML 17Page - Texas Instruments MF5 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
30 Applications Information (Continued)
TLH5066 – 27
(a) Resistive Divider with
Decoupling Capaciter
TLH5066 – 28
(b) Voltage Regulator
TLH5066 – 29
(c) Operational Amplifier
with Divider
FIGURE 18 Three Ways of Generating
V
a
2
for Single-supply Operation
For a cutoff frequency of 200 Hz the external clock can be
either 10 kHz with pin 9 connected to Va (501) or 20 kHz
with pin 9 tied to AGND or Vb (1001) The voltage on the
Logic Level Shift pin (7) determines the logic threshold for
the clock input The threshold is approximately 2V higher
than the voltage applied to pin 7 Therefore when pin 7 is
grounded the clock logic threshold will be 2V making it
compatible with 0 – 5 volt TTL logic levels and g5 volt
CMOS levels Pin 7 should be connected to a clean low-im-
pedance (less than 1000X) voltage source
The complete circuit of the design example is shown for a
1001 clock ratio in
Figure 16
32 SINGLE SUPPLY OPERATION
The MF5 can also operate with a single-ended power sup-
ply
Figure 17 shows the example filter with a single-ended
power supply Va is again connected to the positive power
supply (8 to 14 volts) and Vb is connected to ground The
AGND pin must be tied to Va 2 for single supply operation
This half-supply point should be very ‘‘clean’’ as any noise
appearing on it will be treated as an input to the filter It can
be derived from the supply voltage with a pair of resistors
and a bypass capacitor (
Figure 18a ) or a low-impedance
half-supply voltage can be made using a three-terminal volt-
age regulator or an operational amplifier (
Figures 18b and
18c ) The passive resistor divider with a bypass capacitor is
sufficient for many applications provided that the time con-
stant is long enough to reject any power supply noise It is
also important that the half-supply reference present a low
impedance to the clock frequency so at very low clock fre-
quencies the regulator or op-amp approaches may be pref-
erable because they will require smaller capacitors to filter
the clock frequency The main power supply voltage should
be clean (preferably regulated) and bypassed with 01mF
33 DYNAMIC CONSIDERATIONS
The maximum signal handling capability of the MF5 like
that of any active filter is limited by the power supply volt-
ages used The amplifiers in the MF5 are able to swing to
within about 1 volt of the supplies so the input signals must
be kept small enough that none of the outputs will exceed
these limits If the MF5 is operating on g5 volts for exam-
ple the outputs will clip at about 8Vp-p The maximum input
voltage multiplied by the filter gain should therefore be less
than 8Vp-p
Note that if the filter has high Q the gain at the lowpass or
highpass outputs will be much greater than the nominal filter
gain (
Figure 6 ) As an example a lowpass filter withaQof
10 will have a 20 dB peak in its amplitude response at fo If
the nominal gain of the filter HOLP is equal to 1 the gain at
fo will be 10 The maximum input signal at fo must therefore
be less than 800 mVp-p when the circuit is operated on g5
volt supplies
Also note that one output can have a reasonable small volt-
age on it while another is saturated This is most likely for a
circuit such as the notch in Mode 1 (
Figure 7 ) The notch
output will be very small at fo so it might appear safe to
apply a large signal to the input However the bandpass will
have its maximum gain at fo and can clip if overdriven If one
output clips the performance at the other outputs will be
degraded so avoid overdriving any filter section even ones
whose outputs are not being directly used Accompanying
Figures 7 through 15 are equations labeled ‘‘circuit dynam-
ics’’ which relate the Q and the gains at the various outputs
These should be consulted to determine peak circuit gains
and maximum allowable signals for a given application
34 OFFSET VOLTAGE
The MF5’s switched capacitor integrators have a higher
equivalent input offset voltage than would be found in a
typical continuous-time active filter integrator
Figure 19
shows an equivalent circuit of the MF5 from which the out-
put dc offsets can be calculated Typical values for these
offsets are
Vos1 e opamp offset e g5mV
Vos2 eb185mV
501
b
310mV
1001
Vos3 ea115mV
501
a
240mV
1001
The dc offset at the BP output is equal to the input offset of
the lowpass integrator (Vos3) The offsets at the other out-
puts depend on the mode of operation and the resistor ra-
tios as described in the following expressions
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com