Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 17 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 17 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 13Page - SONiX Technology Company SN8P1602 Datasheet HTML 14Page - SONiX Technology Company SN8P1602 Datasheet HTML 15Page - SONiX Technology Company SN8P1602 Datasheet HTML 16Page - SONiX Technology Company SN8P1602 Datasheet HTML 17Page - SONiX Technology Company SN8P1602 Datasheet HTML 18Page - SONiX Technology Company SN8P1602 Datasheet HTML 19Page - SONiX Technology Company SN8P1602 Datasheet HTML 20Page - SONiX Technology Company SN8P1602 Datasheet HTML 21Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 17
Revision 1.94
USER RESET VECTOR ADDRESS (0000H)
A 1-word vector address area is used to execute system reset. After power on reset or watchdog timer overflow reset,
then the chip will restart the program from address 0000h and all system registers will be set as default values. The
following example shows the way to define the reset vector in the program memory.
Example: After power on reset, external reset active or reset by watchdog timer overflow.
CHIP SN8P1602
ORG
0
; 0000H
JMP
START
; Jump to user program address.
.
; 0004H ~ 0007H are reserved
ORG
10H
START:
; 0010H, The head of user program.
.
; User program
.
.
.
ENDP
; End of program
INTERRUPT VECTOR ADDRESS (0008H)
A 1-word vector address area is used to execute interrupt request. If any interrupt service executes, the program
counter (PC) value is stored in stack buffer and jump to 0008h of program memory to execute the vectored interrupt.
Users have to define the interrupt vector. The following example shows the way to define the interrupt vector in the
program memory.
Example 1: This demo program includes interrupt service routine and the user program is behind the
interrupt service routine.
CHIP SN8P1602
.DATA
PFLAGBUF
.CODE
ORG
0
; 0000H
JMP
START
; Jump to user program address.
.
; 0004H ~ 0007H are reserved
ORG
8
; Interrupt service routine
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
B0MOV
A, PFLAG
B0MOV
PFLAGBUF, A
; Save PFLAG register in a buffer
.
.
B0MOV
A, PFLAGBUF
B0MOV
PFLAG, A
; Restore PFLAG register from buffer
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
RETI
; End of interrupt service routine
START:
; The head of user program.
.
; User program
.
JMP
START
; End of user program
ENDP
; End of program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com