Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 35Page - SONiX Technology Company SN8P1602 Datasheet HTML 36Page - SONiX Technology Company SN8P1602 Datasheet HTML 37Page - SONiX Technology Company SN8P1602 Datasheet HTML 38Page - SONiX Technology Company SN8P1602 Datasheet HTML 39Page - SONiX Technology Company SN8P1602 Datasheet HTML 40Page - SONiX Technology Company SN8P1602 Datasheet HTML 41Page - SONiX Technology Company SN8P1602 Datasheet HTML 42Page - SONiX Technology Company SN8P1602 Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 39
Revision 1.94
EXTERNAL RESET DESCRIPTION
The external reset is a low level active device. The reset pin receives the low voltage and resets the system. When the
voltage detects high level, it stops resetting the system. Users can use an external reset circuit to control system
operation. It is necessary that the VDD must be stable.
External Reset
VDD
Internal Reset Signal
External Reset Detect Level
End of External Reset
System Reset
The external reset will fail, if the external reset voltage stabilizes before VDD voltage. Users must make sure the VDD
is stable earlier than external reset. The external reset circuit is a simple RC circuit as the following figure.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com