Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 30 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 30 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 26Page - SONiX Technology Company SN8P1602 Datasheet HTML 27Page - SONiX Technology Company SN8P1602 Datasheet HTML 28Page - SONiX Technology Company SN8P1602 Datasheet HTML 29Page - SONiX Technology Company SN8P1602 Datasheet HTML 30Page - SONiX Technology Company SN8P1602 Datasheet HTML 31Page - SONiX Technology Company SN8P1602 Datasheet HTML 32Page - SONiX Technology Company SN8P1602 Datasheet HTML 33Page - SONiX Technology Company SN8P1602 Datasheet HTML 34Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 30
Revision 1.94
STACK REGISTERS
The stack pointer (STKP) is a 3-bit register to store the address used to access the stack buffer, 10-bit data memory
(STKnH and STKnL) set aside for temporary storage of stack addresses.
The two stack operations are writing to the top of the stack and reading from the top of stack. Push operation
decrements the STKP and the pop operation increments each time. That makes the STKP always point to the top
address of stack buffer and write the last program counter value (PC) into the stack buffer.
The program counter (PC) value is stored in the stack buffer before a CALL instruction executed or during interrupt
service routine. Stack operation is a LIFO type (Last in and first out). The stack pointer (STKP) and stack buffer
(STKnH and STKnL) are located in the system register area bank 0.
0DFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKP
GIE
-
-
-
-
STKPB2
STKPB1
STKPB0
Read/Write
R/W
-
-
-
-
R/W
R/W
R/W
After reset
0
-
-
-
-
1
1
1
STKPBn: Stack pointer. (n = 0 ~ 2)
GIE: Global interrupt control bit. 0 = disable, 1 = enable. There is more on this in interrupt chapter.
Example: Stack pointer (STKP) reset routine.
MOV
A, #00000111B
B0MOV
STKP, A
STKn = <STKnH , STKnL> (n = 3 ~ 0)
SN8P1602/1603
0F0H~0FFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKnH
-
-
-
-
-
-
SnPC9
SnPC8
Read/Write
-
-
-
-
-
-
R/W
R/W
After reset
-
-
-
-
-
-
0
0
SN8P1604
0F0H~0FFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKnH
-
-
-
-
SnPC11
SnPC10
SnPC9
SnPC8
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
After reset
-
-
-
-
0
0
0
0
SN8P1602/1603/1604
0F0H~0FFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKnL
SnPC7
SnPC6
SnPC5
SnPC4
SnPC3
SnPC2
SnPC1
SnPC0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
STKnH: Store PCH data as interrupt or call executing. The n expressed 0 ~3.
STKnL: Store PCL data as interrupt or call executing. The n expressed 0 ~3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com