Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 42 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 42 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 38Page - SONiX Technology Company SN8P1602 Datasheet HTML 39Page - SONiX Technology Company SN8P1602 Datasheet HTML 40Page - SONiX Technology Company SN8P1602 Datasheet HTML 41Page - SONiX Technology Company SN8P1602 Datasheet HTML 42Page - SONiX Technology Company SN8P1602 Datasheet HTML 43Page - SONiX Technology Company SN8P1602 Datasheet HTML 44Page - SONiX Technology Company SN8P1602 Datasheet HTML 45Page - SONiX Technology Company SN8P1602 Datasheet HTML 46Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 42
Revision 1.94
OSCM REGISTER DESCRIPTION
The OSCM register is an oscillator control register. It controls oscillator selection, system mode, watchdog timer clock
rate.
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
0
WDRST
0
0
CPUM0
CLKMD
STPHX
0
Read/Write
-
R/W
-
-
R/W
R/W
R/W
-
After reset
-
0
-
-
0
0
0
-
STPHX: Eternal high-speed oscillator control bit. 0 = free run, 1 = stop. This bit only controls external high-speed
oscillator. If STPHX=1, the internal low-speed RC oscillator is still running.
CLKMD: System high/Low speed mode select bit. 0 = normal (dual) mode, 1 = slow mode.
CPUM0: CPU operating mode control bit. 0 = normal, 1 = sleep (power down) mode to turn off both high/low clock.
WDRST is watchdog timer control bits. The detail information is in watchdog timer chapter.
Note: The bit 0, 4, 7 of OSCM register must be “0”, or the system will be error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com