Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 63 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 63 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 59Page - SONiX Technology Company SN8P1602 Datasheet HTML 60Page - SONiX Technology Company SN8P1602 Datasheet HTML 61Page - SONiX Technology Company SN8P1602 Datasheet HTML 62Page - SONiX Technology Company SN8P1602 Datasheet HTML 63Page - SONiX Technology Company SN8P1602 Datasheet HTML 64Page - SONiX Technology Company SN8P1602 Datasheet HTML 65Page - SONiX Technology Company SN8P1602 Datasheet HTML 66Page - SONiX Technology Company SN8P1602 Datasheet HTML 67Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 63
Revision 1.94
PWM FUNCTION DESCRIPTION (SN8P1604 Only)
OVERVIEW
PWM function is generated by TC1 timer counter and output the PWM signal to PWM1OUT pin (P5.3). The 8-bit
counter counts modulus 256, from 0-255, inclusive. The value of the 8-bit counter is compared to the contents of the
reference register TC1R. When the reference register value TC1R is equal to the counter value TC1C, the PWM
output goes low. When the counter reaches zero, the PWM output is forced high. The low-to-high ratio (duty) of the
PWM1 output is TC1R/256.
All PWM outputs remain inactive during the first 256 input clock signals. Then, when the counter value (TC1C)
changes from FFH back to 00H, the PWM output is forced to high level. The pulse width ratio (duty cycle) is defined by
the contents of the reference register (TC1R) and is programmed in increments of 1:256. The 8-bit PWM data register
TC1R is a write only register.
PWM output can be held at low level by continuously loading the reference register with 00H. Under PWM operating, to
change the PWM’s duty cycle is to modify the TC1R.
Reference Register Value (TC1R)
Duty
0000 0000
0/256
0000 0001
1/256
0000 0010
2/256
.
.
.
.
1000 0000
128/256
1000 0001
129/256
.
.
.
.
1111 1110
254/256
1111 1111
255/256
TC1 Clock
TC1R = 00H
TC1R = 80H
TC1R = 01H
TC1R = FFH
High
Low
Low
High
Low
Low
High
01
128
..... 254 255
.....
01
128
..... 254 255
.....
TC1 Clock
TC1R = 00H
TC1R = 80H
TC1R = 01H
TC1R = FFH
High
Low
Low
High
Low
Low
High
Low
High
01
128
..... 254 255
.....
01
128
..... 254 255
.....
01
128
..... 254 255
.....
.....
01
128
..... 254 255
.....
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com