Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 59 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 59 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 55Page - SONiX Technology Company SN8P1602A Datasheet HTML 56Page - SONiX Technology Company SN8P1602A Datasheet HTML 57Page - SONiX Technology Company SN8P1602A Datasheet HTML 58Page - SONiX Technology Company SN8P1602A Datasheet HTML 59Page - SONiX Technology Company SN8P1602A Datasheet HTML 60Page - SONiX Technology Company SN8P1602A Datasheet HTML 61Page - SONiX Technology Company SN8P1602A Datasheet HTML 62Page - SONiX Technology Company SN8P1602A Datasheet HTML 63Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 59
Version 1.1
MULTI-INTERRUPT OPERATION
Under certain condition, the software designer uses more than one interrupt requests. Processing multi-interrupt
request requires setting the priority of the interrupt requests. The IRQ flags of interrupts are controlled by the interrupt
event. Nevertheless, the IRQ flag “1” doesn’t mean the system will execute the interrupt vector. And which means the
IRQ flags can be set “1” by the events without enable the interrupt.
Once the event occurs, the IRQ will be logic “1”.
The IRQ and its trigger event relationship is as the below table.
Interrupt Name
Trigger Event Description
P00IRQ
P0.0 trigger controlled by PEDGE
TC0IRQ
TC0C overflow
For multi-interrupt conditions, two things need to be taking care of. One is to set the priority for these interrupt requests.
Two is using IEN and IRQ flags to decide which interrupt to be executed. Users have to check interrupt control bit and
interrupt request flag in interrupt routine.
Example: Check the interrupt request under multi-interrupt operation
ORG
8
; Interrupt vector
B0XCH
A, ACCBUF
; Store ACC value.
B0MOV
A, PFLAG
; Store PFLAG value
B0MOV
PFLAGBUF,A
INTP00CHK:
; Check INT0 interrupt request
B0BTS1
FP00IEN
; Check P00IEN
JMP
INTTC0CHK
; Jump check to next interrupt
B0BTS0
FP00IRQ
; Check P00IRQ
JMP
INTP00
; Jump to INT0 interrupt service routine
INTTC0CHK:
; Check TC0 interrupt request
B0BTS1
FTC0IEN
; Check TC0IEN
JMP
INT_EXIT
; Jump to exit of IRQ
B0BTS0
FTC0IRQ
; Check TC0IRQ
JMP
INTTC0
; Jump to TC0 interrupt service routine
INT_EXIT:
B0MOV
A, PFLAGBUF
; Restore PFLAG value
B0MOV
PFLAG,A
B0XCH
A, ACCBUF
; Restore ACC value.
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com