Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 75 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 75 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 68Page - SONiX Technology Company SN8P1602A Datasheet HTML 69Page - SONiX Technology Company SN8P1602A Datasheet HTML 70Page - SONiX Technology Company SN8P1602A Datasheet HTML 71Page - SONiX Technology Company SN8P1602A Datasheet HTML 72Page - SONiX Technology Company SN8P1602A Datasheet HTML 73Page - SONiX Technology Company SN8P1602A Datasheet HTML 74Page - SONiX Technology Company SN8P1602A Datasheet HTML 75Page - SONiX Technology Company SN8P1602A Datasheet HTML 76Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 75
Version 1.1
SSOP 20 PIN
MIN
NOR
MAX
MIN
NOR
MAX
SYMBOLS
(inch)
(mm)
A
0.053
0.063
0.069
1.350
1.600
1.750
A1
0.004
0.006
0.010
0.100
0.150
0.250
A2
-
-
0.059
-
-
1.500
b
0.008
0.010
0.012
0.200
0.254
0.300
c
0.007
0.008
0.010
0.180
0.203
0.250
D
0.337
0.341
0.344
8.560
8.660
8.740
E
0.228
0.236
0.244
5.800
6.000
6.200
E1
0.150
0.154
0.157
3.800
3.900
4.000
[e]
0.025
0.635
h
0.010
0.017
0.020
0.250
0.420
0.500
L
0.016
0.025
0.050
0.400
0.635
1.270
L1
0.039
0.041
0.043
1.000
1.050
1.100
ZD
0.059
1.500
Y
-
-
0.004
-
-
0.100
θ°
0°
-
8°
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com