Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 62 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 62 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 58Page - SONiX Technology Company SN8P1602A Datasheet HTML 59Page - SONiX Technology Company SN8P1602A Datasheet HTML 60Page - SONiX Technology Company SN8P1602A Datasheet HTML 61Page - SONiX Technology Company SN8P1602A Datasheet HTML 62Page - SONiX Technology Company SN8P1602A Datasheet HTML 63Page - SONiX Technology Company SN8P1602A Datasheet HTML 64Page - SONiX Technology Company SN8P1602A Datasheet HTML 65Page - SONiX Technology Company SN8P1602A Datasheet HTML 66Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 62
Version 1.1
I/O PULL UP REGISTER
SN8P1602B
0BEH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PUR
-
-
-
-
-
PUR2
PUR1
PUR0
Read/Write
-
-
-
-
-
W
W
W
After reset
-
-
-
-
-
0
0
0
Example: I/O Pull up Register
CLR
PUR
; Disable all ports Pull-up register.
MOV
A, #07H
; Enable Port0, 1, 2 Pull-up register,
B0MOV
PUR, A
;
I/O PORT DATA REGISTER
SN8P1602B
0D0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0
-
-
-
-
-
-
-
P00
Read/Write
-
-
-
-
-
-
-
R
After reset
-
-
-
-
-
-
-
0
SN8P1602B
0D1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1
-
-
-
P14
P13
P12
P11
P10
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
0
0
0
0
0
SN8P1602B
0D2H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P2
P27
P26
P25
P24
P23
P22
P21
P20
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Example: Read data from input port.
B0MOV
A, P0
; Read data from Port 0
B0MOV
A, P1
; Read data from Port 1
B0MOV
A, P2
; Read data from Port 2
Example: Write data to output port.
MOV
A, #55H
; Write data 55H to Port 1 and Port 2
B0MOV
P1, A
B0MOV
P2, A
Example: Write one bit data to output port.
B0BSET
P1.3
; Set P1.3 and P2.5 to be “1”.
B0BSET
P2.5
B0BCLR
P1.3
; Set P1.3 and P2.5 to be “0”.
B0BCLR
P2.5
Example: Port bit test.
B0BTS1
P0.0
; Bit test 1 for P0.0
B0BTS0
P1.2
; Bit test 0 for P1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com