Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 14Page - Texas Instruments OPA820SKGD3 Datasheet HTML 15Page - Texas Instruments OPA820SKGD3 Datasheet HTML 16Page - Texas Instruments OPA820SKGD3 Datasheet HTML 17Page - Texas Instruments OPA820SKGD3 Datasheet HTML 18Page - Texas Instruments OPA820SKGD3 Datasheet HTML 19Page - Texas Instruments OPA820SKGD3 Datasheet HTML 20Page - Texas Instruments OPA820SKGD3 Datasheet HTML 21Page - Texas Instruments OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
O P A820
+5V
+V
S
DIS
100Ω
R
G
402Ω
806Ω
806Ω
57.6Ω
0.01µF
6.8µF
0.1µF
0.01µF
V
I
50Ω Source
R
F
402Ω
V
V
O
S/2
OPA820
+5V
+V
S
DIS
100Ω
R
G
402Ω
806Ω
806Ω
0.01µF
0.01µF
V
I
R
F
402Ω
V
V
O
S/2
6.8µF
0.1µF
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
signal range. The input impedance matching resistor (57.6
Ω) used in Figure 4 is adjusted to give a 50-Ω input
match when the parallel combination of the biasing divider network is included. The gain resistor (RG) is
AC-coupled, giving the circuit a DC gain of +1. This puts the input DC bias voltage (2.5 V) on the output as well.
On a single 5-V supply, the output voltage can swing to within 1.3 V of either supply pin while delivering more
than 80-mA output current giving 2.4-V output swing into 100
Ω (5.6-dBm maximum at the matched load).
Figure 5 shows the AC-coupled, single 5-V supply, gain of
−1 V/V circuit configuration used as a basis for the
5 V only Typical Characteristic curves. In this case, the midpoint DC bias on the noninverting input is also
decoupled with an additional 0.01-
μF decoupling capacitor. This reduces the source impedance at higher
frequencies for the noninverting input bias current noise. This 2.5-V bias on the noninverting input pin appears on
the inverting input pin and, since RG is DC blocked by the input capacitor, will also appear at the output pin.
The single-supply test circuits of Figure 4 and Figure 4 show 5-V operation. These same circuits can be used
over a singlesupply range of 5 V to 12 V. Operating on a single 12-V supply, with the Absolute Maximum Supply
voltage specification of 13 V, gives adequate design margin for the typical
±5% supply tolerance.
Figure 4. AC-Coupled, G = +2 V/V, Single-Supply Specifications and Test Circuit
Figure 5. AC-Coupled, G =
−1 V/V, Single-Supply Specifications and Test Circuit
Buffering High-Performance ADCs
To achieve full performance from a high dynamic range ADC, considerable care must be exercised in the design
of the input amplifier interface circuit. The example circuit on the front page shows a typical AC-coupled interface
to a very high dynamic range converter. This AC-coupled example allows the OPA820 to be operated using a
signal range that swings symmetrically around ground (0 V). The 2VPP swing is then level-shifted through the
blocking capacitor to a midscale reference level, which is created by a well-decoupled resistive divider off the
converter
’s internal reference voltages. To have a negligible effect (1 dB) on the rated spurious-free dynamic
range (SFDR) of the converter, the amplifier
’s SFDR should be at least 18 dB greater than the converter. The
OPA820 has minimal effect on the rated distortion of the ADS850, given its 79-dB SFDR at 2VPP, 1 MHz. The
18
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com