Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments OPA820SKGD3 Datasheet HTML 24Page - Texas Instruments OPA820SKGD3 Datasheet HTML 25Page - Texas Instruments OPA820SKGD3 Datasheet HTML 26Page - Texas Instruments OPA820SKGD3 Datasheet HTML 27Page - Texas Instruments OPA820SKGD3 Datasheet HTML 28Page - Texas Instruments OPA820SKGD3 Datasheet HTML 29Page - Texas Instruments OPA820SKGD3 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
4kT
R
R
R
R
G
G
F
S
OPA820
I
BI
E
O
I
BN
4kT = 1.6E − 20J
at 290 K
E
RS
E
NI
√4kTR
S
√4kTR
F
=
+
+
+
+
O
NI
BN
S
S
BI
F
F
2
2
2
2
E
[E
(I R )
4kTR ]NG
(I R )
4kTR NG
æ
ö
=
+
+
+
+
ç
÷
è
ø
BI
F
F
N
NI
BN
S
S
2
2
2
E
I R
4kTR
E
(I R )
4kTR
NG
NG
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
Noise Performance
The OPA820 complements its low harmonic distortion with low input noise terms. Both the input-referred voltage
noise and the two input-referred current noise terms combine to give a low output noise under a wide variety of
operating conditions. Figure 12 shows the operational amplifier noise analysis model with all the noise terms
included. In this model, all the noise terms are taken to be noise voltage or current density terms in either nV/
√Hz
or pA/
√Hz.
Figure 12. Operational Amplifier Noise Analysis Model
The total output spot noise voltage is computed as the square root of the squared contributing terms to the
output noise voltage. This computation is adding all the contributing noise powers at the output by superposition,
then taking the square root to get back to a spot noise voltage. Equation 7 shows the general form for this output
noise voltage using the terms presented in Figure 12.
(7)
Dividing this expression by the noise gain (NG = 1 + RF/RG) will give the equivalent input referred spot noise
voltage at the noninverting input, as shown in Equation 8.
(8)
Evaluating these two equations for the OPA820 circuit presented in Figure 2 will give a total output spot noise
voltage of 6.44 nV/
√Hz and an equivalent input spot noise voltage of 3.22 nV/√Hz.
DC Offset Control
The OPA820 can provide excellent DC signal accuracy because of its high open-loop gain, high common-mode
rejection, high power-supply rejection, and low input offset voltage and bias current offset errors. To take full
advantage of this low input offset voltage, careful attention to input bias current cancellation is also required. The
high-speed input stage for the OPA820 has a moderately high input bias current (9
μA typ into the pins) but with
a very close match between the two input currents
—typically 100-nA input offset current. The total output offset
voltage may be considerably reduced by matching the source impedances looking out of the two inputs. For
example, one way to add bias current cancellation to the circuit of Figure 2 would be to insert a 175-
Ω series
resistor into the noninverting input from the 50-
Ω terminating resistor. When the 50-Ω source resistor is
DC-coupled, this will increase the source impedance for the noninverting input bias current to 200
Ω. Since this is
now equal to the impedance looking out of the inverting input (RF||RG), the circuit will cancel the gains for the
bias currents to the output leaving only the offset current times the feedback resistor as a residual DC error term
at the output. Using a 402-
Ω feedback resistor, this output error will now be less than ±0.4 μA × 402 Ω = ±160 μV
at 25
°C.
26
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com