Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 15Page - Texas Instruments OPA820SKGD3 Datasheet HTML 16Page - Texas Instruments OPA820SKGD3 Datasheet HTML 17Page - Texas Instruments OPA820SKGD3 Datasheet HTML 18Page - Texas Instruments OPA820SKGD3 Datasheet HTML 19Page - Texas Instruments OPA820SKGD3 Datasheet HTML 20Page - Texas Instruments OPA820SKGD3 Datasheet HTML 21Page - Texas Instruments OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
OPA820
V
OUT
402Ω
335Ω
Video
Input
75Ω
75Ω
75Ω Transmission Line
V
OUT
75Ω
75Ω
V
OUT
75Ω
75Ω
75Ω
High output current drive capability allows three
back−terminated 75Ωtransmission lines to be simultaneously driven.
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
> 90-dB (< 1MHz) SFDR for the OPA820 in this configuration implies a < 3-dB degradation (for the system) from
the converter
’s specification. For further SFDR improvement with the OPA820, a differential configuration is
suggested.
Successful application of the OPA820 for ADC driving requires careful selection of the series resistor at the
amplifier output, along with the additional shunt capacitor at the ADC input. To some extent, selection of this RC
network will be determined empirically for each converter. Many high performance CMOS ADCs, such as the
ADS850, perform better with the shunt capacitor at the input pin. This capacitor provides low source impedance
for the transient currents produced by the sampling process. Improved SFDR is often obtained by adding this
external capacitor, whose value is often recommended in this converter data sheet. The external capacitor, in
combination with the built-in capacitance of the ADC input, presents a significant capacitive load to the OPA820.
Without a series isolation resistor, an undesirable peaking or loss of stability in the amplifier may result.
Since the DC bias current of the CMOS ADC input is negligible, the resistor has no effect on overall gain or
offset accuracy. Refer to the typical characteristic RS vs Capacitive Load to obtain a good starting value for the
series resistor. This will ensure flat frequency response to the ADC input. Increasing the external capacitor value
will allow the series resistor to be reduced. Intentionally bandlimiting using this RC network can also be used to
limit noise at the converter input.
Video Line Driving
Most video distribution systems are designed with 75-
Ω series resistors to drive a matched 75-Ω cable. In order
to deliver a net gain of 1 to the 75-
Ω matched load, the amplifier is typically set up for a voltage gain of +2,
compensating for the 6-dB attenuation of the voltage divider formed by the series and shunt 75-
Ω resistors at
either end of the cable.
The circuit of Figure 2 applies to this requirement if all references to 50-
Ω resistors are replaced by 75-Ω values.
Often, the amplifier gain is further increased to 2.2, which recovers the additional DC loss of a typical long cable
run. This change would require the gain resistor (RG) in Figure 2 to be reduced from 402 Ω to 335 Ω. In either
case, both the gain flatness and the differential gain/phase performance of the OPA820 will provide exceptional
results in video distribution applications. Differential gain and phase measure the change in overall small-signal
gain and phase for the color sub-carrier frequency (3.58 MHz in NTSC systems) versus changes in the
large-signal output level (which represents luminance information in a composite video signal). The OPA820, with
the typical 150-
Ω load of a single matched video cable, shows less than 0.01%/0.01° differential gain/phase
errors over the standard luminance range for a positive video (negative sync) signal. Similar performance would
be observed for multiple video signals, as shown in Figure 6.
Figure 6. Video Distribution Amplifier
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com