Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments OPA820SKGD3 Datasheet HTML 24Page - Texas Instruments OPA820SKGD3 Datasheet HTML 25Page - Texas Instruments OPA820SKGD3 Datasheet HTML 26Page - Texas Instruments OPA820SKGD3 Datasheet HTML 27Page - Texas Instruments OPA820SKGD3 Datasheet HTML 28Page - Texas Instruments OPA820SKGD3 Datasheet HTML 29Page - Texas Instruments OPA820SKGD3 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
Thermal Analysis
The OPA820 will not require heatsinking or airflow in most applications. Maximum desired junction temperature
would set the maximum allowed internal power dissipation as described below. In no case should the maximum
junction temperature be allowed to exceed 210
°C.
Operating junction temperature (TJ) is given by TA + PD × θJA. The total internal power dissipation (PD) is the
sum of quiescent power (PDQ) and additional power dissipated in the output stage (PDL) to deliver load power.
Quiescent power is simply the specified no-load supply current times the total supply voltage across the part.
PDL will depend on the required output signal and load but would, for a grounded resistive load, be at a
maximum when the output is fixed at a voltage equal to 1/2 of either supply voltage (for equal bipolar supplies).
Under this worst-case condition, PDL = VS2/(4 × RL), where RL includes feedback network loading.
Note that it is the power in the output stage and not in the load that determines internal power dissipation.
Board Layout
Achieving optimum performance with a high-frequency amplifier such as the OPA820 requires careful attention to
board layout parasitics and external component types. Recommendations that will optimize performance include:
a. Minimize parasitic capacitance to any AC ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability: on the noninverting input, it can react with the source
impedance to cause unintentional bandlimiting. To reduce unwanted capacitance, a window around the
signal I/O pins should be opened in all of the ground and power planes around those pins. Otherwise, ground
and power planes should be unbroken elsewhere on the board.
b. Minimize the distance (
< 0.25") from the power-supply pins to high-frequency 0.1-μF decoupling
capacitors. At the device pins, the ground and power-plane layout should not be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and the
decoupling capacitors. The power-supply connections should always be decoupled with these capacitors.
Larger (2.2-
μF to 6.8-μF) decoupling capacitors, effective at lower frequency, should also be used on the
main supply pins. These may be placed somewhat farther from the device and may be shared among
several devices in the same area of the PC board.
c. Careful selection and placement of external components will preserve the high-frequency
performance of the OPA820. Resistors should be a very low reactance type. Surface-mount resistors work
best and allow a tighter overall layout. Metal-film and carbon composition, axially leaded resistors can also
provide good high-frequency performance. Again, keep their leads and PC board trace length as short as
possible. Never use wire-wound type resistors in a high-frequency application. Since the output pin and
inverting input pin are the most sensitive to parasitic capacitance, always position the feedback and series
output resistor, if any, as close as possible to the output pin. Other network components, such as
noninverting input termination resistors, should also be placed close to the package. Where double-side
component mounting is allowed, place the feedback resistor directly under the package on the other side of
the board between the output and inverting input pins. Even with a low parasitic capacitance shunting the
external resistors, excessively high resistor values can create significant time constants that can degrade
performance. Good axial metal-film or surface-mount resistors have approximately 0.2 pF in shunt with the
resistor. For resistor values
> 1.5 kΩ, this parasitic capacitance can add a pole and/or a zero below 500 MHz
that can effect circuit operation. Keep resistor values as low as possible consistent with load-driving
considerations. It has been suggested here that a good starting point for design would be to set RG||RF = 200
Ω. Using this setting will automatically keep the resistor noise terms low, and minimize the effect of their
parasitic capacitance.
d. Connections to other wideband devices on the board may be made with short direct traces or
through onboard transmission lines. For short connections, consider the trace and the input to the next
device as a lumped capacitive load. Relatively wide traces (50 mils to 100 mils) should be used, preferably
with ground and power planes opened up around them. Estimate the total capacitive load and set RS from
the plot of Recommended RS vs Capacitive Load. Low parasitic capacitive loads (< 5 pF) may not need an
RS since the OPA820 is nominally compensated to operate with a 2-pF parasitic load. Higher parasitic
capacitive loads without an RS are allowed as the signal gain increases (increasing the unloaded phase
margin). If a long trace is required, and the 6-dB signal loss intrinsic to a doubly-terminated transmission line
is acceptable, implement a matched impedance transmission line using microstrip or stripline techniques
(consult an ECL design handbook for microstrip and stripline layout techniques). A 50-
Ω environment is
normally not necessary onboard, and in fact, a higher impedance environment will improve distortion as
shown in the distortion versus load plots. With a characteristic board trace impedance defined based on
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com