Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 1 Page - Texas Instruments

  OPA820SKGD3 Datasheet HTML 1Page - Texas Instruments OPA820SKGD3 Datasheet HTML 2Page - Texas Instruments OPA820SKGD3 Datasheet HTML 3Page - Texas Instruments OPA820SKGD3 Datasheet HTML 4Page - Texas Instruments OPA820SKGD3 Datasheet HTML 5Page - Texas Instruments OPA820SKGD3 Datasheet HTML 6Page - Texas Instruments OPA820SKGD3 Datasheet HTML 7Page - Texas Instruments OPA820SKGD3 Datasheet HTML 8Page - Texas Instruments OPA820SKGD3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Check for Samples: OPA820-HT
1
FEATURES
•
High Bandwidth
SUPPORTS EXTREME TEMPERATURE
(240 MHz at 25
°C and 100 MHz at 210°C, G = 2)
APPLICATIONS
•
High Output Current
•
Controlled Baseline
(
±110 mA at 25°C and 50 mA at 210°C)
•
One Assembly/Test Site
•
Low Input Noise
•
One Fabrication Site
(2.5 nV/
√Hz at 25°C and 4.5 nV/√Hzat 210°C)
•
Available in Extreme (
–55°C/210°C)
•
Low Supply Current
Temperature Range(1)
(5.6 mA at 25
°C and 6.8 mA at 210°C)
•
Extended Product Life Cycle
•
Flexible Supply Voltage:
•
Extended Product-Change Notification
– Dual ±2.5 V to ±5 V
•
Product Traceability
– Single +5 V
•
Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
APPLICATIONS
with design and process enhancements to
•
Downhole Drilling
maximize performance over extended
•
Extreme Temperature Application
temperatures. All devices are characterized
and qualified for 1000 hour continuous
operating life at maximum rated temperature.
(1)
Custom temperature ranges available
DESCRIPTION
The OPA820 provides a wideband, unity-gain stable, voltage-feedback amplifier with a very low input noise
voltage and high output current using a low 6.8-mA supply current. The OPA820 complements this high-speed
operation with excellent DC precision in a low-power device. A worst-case input offset voltage of
±3.5 mV and an
offset current of
±700 nA give excellent absolute DC precision for pulse amplifier applications.
Minimal input and output voltage swing headroom allow the OPA820 to operate on a single 5-V supply with
>
2VPP output swing. While not a rail-to-rail (RR) output, this swing will support most emerging analog-to-digital
converter (ADC) input ranges with lower power and noise than typical RR output op amps.
The OPA820 is characterized for operation from
–55°C to 210°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA820SKGD3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820SKGD3 TI1-OPA820SKGD3 Datasheet
507Kb / 32P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - OPA820SKGD3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com