Electronic Components Datasheet Search
  English  ▼

X  

TNETX15VEPGE Datasheet(PDF) 46 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 46 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 42Page - Texas Instruments TNETX15VEPGE Datasheet HTML 43Page - Texas Instruments TNETX15VEPGE Datasheet HTML 44Page - Texas Instruments TNETX15VEPGE Datasheet HTML 45Page - Texas Instruments TNETX15VEPGE Datasheet HTML 46Page - Texas Instruments TNETX15VEPGE Datasheet HTML 47Page - Texas Instruments TNETX15VEPGE Datasheet HTML 48Page - Texas Instruments TNETX15VEPGE Datasheet HTML 49Page - Texas Instruments TNETX15VEPGE Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port VLANID assignment registers, VLANID at 0x78–0x7F (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
VLANID1
0x78
0x7C
VLANID2
0x80
0x84
VLANID3
0x88
0x8C
VLANID4
0x90
0x94
VLANID5
0x98
0x9C
VLANID6
0xA0
0xA4
VLANID7
0xA8
0xAC
VLANID8
0xB0
0xB4
VLANID9
0xB8
0xBC
VLANID10
0xC0
0xC4
VLANID11
0xC8
0xCC
VLANID12
0xD0
0xD4
VLANID13
0xD8
0xDC
VLANID14
0xE0
0xE4
The VLANID registers are used to assign a particular VLAN to ports 01 through 14. Eight bytes are reserved
for each port. Their format for the VLANID registers is:
BIT
7
6
5
4
3
2
1
0
Reserved
VLANID
Initial Values After Reset
0
0
0
0
0
0
0
0
All VLANIDs default to 0x0 on a reset. These registers are automatically loaded from the EEPROM in a hardware
reset (RESET = 0 or when DIO address high is 0x40) or when the LOAD bit in the control register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com