Electronic Components Datasheet Search
  English  ▼

X  

TNETX15VEPGE Datasheet(PDF) 70 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 70 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 66Page - Texas Instruments TNETX15VEPGE Datasheet HTML 67Page - Texas Instruments TNETX15VEPGE Datasheet HTML 68Page - Texas Instruments TNETX15VEPGE Datasheet HTML 69Page - Texas Instruments TNETX15VEPGE Datasheet HTML 70Page - Texas Instruments TNETX15VEPGE Datasheet HTML 71Page - Texas Instruments TNETX15VEPGE Datasheet HTML 72Page - Texas Instruments TNETX15VEPGE Datasheet HTML 73Page - Texas Instruments TNETX15VEPGE Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
70
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
host (access) register space
The TNETX15VE registers, SRAM (internal and external), and EEPROM are indirectly accessed through the
access registers. The access registers are written/read to/through the DIO interface. There are four byte-wide
access registers. They are individually selected through the SAD bus, as shown in the following, and the
registers are read/written through the SDATA bus.
SAD1
SAD0
ACCESS REGISTERS
0
0
DIO address low
0
1
DIO address high
1
0
DIO data
1
1
DIO data auto-increment
Two bytes, DIO address low and DIO address high, are used to select the address (DIOADR) of the internal
register being selected. DIO address high is the most-significant byte of DIOADR and DIO address low is the
least-significant byte. The DIO address register is byte writeable. The user does not have to write to both DIO
address locations for each access to the internal registers. This saves time in register accesses. Up to 216
possible locations can be accessed through the DIO address register.
A special function (incorporated into this interface) is a hardware reset that is given to the TNETX15VE through
the use of the host registers. A hard reset is achieved by writing 0x40 to DIO address high. The value in DIO
address low is don’t care. Writing this code is equivalent to electrically setting the RESET terminal to 0.
The next two bytes, DIO data and DIO data auto-increment, are used to read and write data to the byte-wide
internal register selected in the DIOADR. Both DIO data and DIO data auto-increment can be effectively used
to read and write the data, but the DIO data auto-increment register provides additional functionality over DIO
data. Access to the DIO data auto-increment register provides a post-increment (by one) to the DIO address
register. This is useful for reading/writing to a block of registers.
As an example, to access a single-byte-wide register such as the SIO register (DIO address = 0x0A) the
operations needed are:
• Write a 0x00 to DIO address high
• Write a 0x0A to DIO address low to select DIO address 0x0A
• Read the SIO register by reading DIO data, or write to the SIO register by writing to DIO data.
Multiple-byte registers are accessed by reading/writing to their individual bytes. The control register (DIO
address 0x08–0x09) is accessed in the following manner:
• Write a 0x00 to DIO address high
• Write a 0x08 to DIO address low to select DIO address 0x08
• Read the least-significant bit of the control register by reading DIO data, or write to the least-significant
bit of the control register by writing to DIO data.
• Write a 0x00 to DIO address high
• Write a 0x09 to DIO address low to select DIO address 0x09
• Read the most-significant bit of the control register by reading DIO data, or write to the most-significant
bit of the control register by writing to DIO data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com