Electronic Components Datasheet Search
  English  ▼

X  

TNETX15VEPGE Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 8Page - Texas Instruments TNETX15VEPGE Datasheet HTML 9Page - Texas Instruments TNETX15VEPGE Datasheet HTML 10Page - Texas Instruments TNETX15VEPGE Datasheet HTML 11Page - Texas Instruments TNETX15VEPGE Datasheet HTML 12Page - Texas Instruments TNETX15VEPGE Datasheet HTML 13Page - Texas Instruments TNETX15VEPGE Datasheet HTML 14Page - Texas Instruments TNETX15VEPGE Datasheet HTML 15Page - Texas Instruments TNETX15VEPGE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
DIO interface
EEPROM interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ECLK
115
O
EEPROM clock. ECLK is the serial EEPROM data clock and requires an external pullup register.
EDIO
110
I/O
EEPROM data input/output. EDIO is the serial EEPROM data I/O signal. This terminal requires an external
pullup (see EEPROM data sheet) for EEPROM operation.
control logic interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
OSCIN
72
I
Oscillator input. OSCIN is the clock input that drives the internal state machines. For no-glue interface to
the TNETX3150/TNETX3150A, OSCIN is connected to the TNETX3150/TNETX3150As OSCIN terminal
(AC12).
RESET
108
I
Reset. RESET (active low) resets the TNETX15VE. RESET must remain active for at least 25 ms after
power and the clocks have stabilized on power up. After the power-up cycle, RESET must remain active
for a minimum of 3
µs for recognition.
JTAG interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TCLK
140
I
Test clock. TCLK clocks state information and test data into and out of the device during operation of the
test port.
TDI
139
I
Test data input. TDI serially shifts test data and test instructions into the device during operation of the test
port.
TDO
144
O
Test data out. TDO serially shifts test data and test instructions out of the device during operation of the
test port.
TMS
141
I
Test mode select. TMS controls the state of the test-port controller.
TRST
142
I
Test reset. TRST asynchronously resets the test-port controller when set low.
power interface
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
11, 25, 49, 68, 82,
100, 111, 129, 143
Ground. GND is the 0-V reference for the device.
VCC
4, 18, 39, 58, 77, 92,
107, 122, 135,
Supply voltage. VCC = 3.3
± 0.3 V. VCC is the main-logic power supply.
VCC(5V)
30, 44, 63, 87, 116,
138
Supply voltage. VCC(5V) = 5 ± 0.5 V. VCC(5V) is the clamp rail voltage on I/O terminals that gives TTL
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com